Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1052595 Datasheet(PDF) 3 Page - SICK AG

Part # 1052595
Description  SAFETY LASER SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1052595 Datasheet(HTML) 3 Page - SICK AG

  1052595 Datasheet HTML 1Page - SICK AG 1052595 Datasheet HTML 2Page - SICK AG 1052595 Datasheet HTML 3Page - SICK AG 1052595 Datasheet HTML 4Page - SICK AG 1052595 Datasheet HTML 5Page - SICK AG 1052595 Datasheet HTML 6Page - SICK AG 1052595 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S30A-7111CL | S3000 PROFINET IO Advanced
SAFETY LASER SCANNERS
PFHD (mean probability of a dangerous fail-
ure per hour)
8.0 x 10-8 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
The safety-related data is logic 0.
Functions
Restart interlock
Multiple sampling
Monitoring case switching
Simultaneous monitoring
Static protective field switching
Contour as a reference
Integrated configuration memory
Measured data output
Interfaces
Connection type
Bus connection Optical fiber conductor (2 female connectors for SCRJ push-pull plug)
Supply connection System plug with or without connecting cable
Configuration and diagnostics interface
RS-232
Transmission rate 9.6 kBaud, 19.2 kBaud, 38.4 kBaud
Fieldbus, industrial network
PROFINET PROFIsafe
Type of fieldbus integration Integrated in the device
Device properties PROFINET IO device with 2-port real-time switch according to PROFINET specification V2.2
PROFIsafe profile with 6-octet input and 6-octet output according to IEC 61784-3-3 V2.4
Cycle time 4, 8, 16, 32 ms, etc.
GSDML according to GSDML specification V2.25
Switch properties Filtering Data Base according to IEEE 802.1D
6 prioritization levels for IEEE 802.1Q – Network prioritization
64 KB SRAM memory for caching telegrams, managed in 768-byte segments
Resource prioritization for network control and RTC2/3 frames
Telegram extension based on "Cut-through"
Port status (Disabled, Blocking, Forwarding)
Support for non-real-time and real-time data transfer
Port properties Auto-negotiation
Auto-crossover (MDIX)
Auto-polarity
100Base-FX
Conformance Conformance Class B
Topology support SNMP, MIB-2, LLDP according to IEEE 802.1AB
MRP client support
Diagnostics Application-related manufacturer-specific channel diagnostics and channel diagnostics for the
PROFIsafe profile, individually switchable
Report system errors
Maintenance alerts for POF interfaces for signal quality
Cable diagnostics
Neighborhood alerts
Support for port statistics
I&M support from I&M0 to I&M4
Interfaces TCP port 9000 and UDP port 30718
RS-232
Functions that are not supported Multicast communication
Supervisor AR
2017-08-09 08:28:06 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3


Similar Part No. - 1052595

ManufacturerPart #DatasheetDescription
logo
SICK AG
1052593 SICK-1052593 Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
More results

Similar Description - 1052595

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
MICS3-AAAZ40AZ1P01 SICK-MICS3-AAAZ40AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
MICS3-AAAZ55AZ1P01 SICK-MICS3-AAAZ55AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
S30A-6111CP SICK-S30A-6111CP Datasheet
1Mb / 6P
   SAFETY LASER SCANNERS
S30B-2011CA SICK-S30B-2011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30B-3011BA SICK-S30B-3011BA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com