Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM4003-S Datasheet(PDF) 3 Page - Formosa MS

Part # FM4003-S
Description  Chip General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM4003-S Datasheet(HTML) 3 Page - Formosa MS

  FM4003-S Datasheet HTML 1Page - Formosa MS FM4003-S Datasheet HTML 2Page - Formosa MS FM4003-S Datasheet HTML 3Page - Formosa MS FM4003-S Datasheet HTML 4Page - Formosa MS FM4003-S Datasheet HTML 5Page - Formosa MS FM4003-S Datasheet HTML 6Page - Formosa MS FM4003-S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
Rating and characteristic curves (FM4001-S THRU FM4007-S)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.2
0
0.4
0.6
0.8
1.0
1.2
LEAD TEMPERATURE ( C)
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0
1.1
1.2
1.3
3.0
T =25 C
J
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
.01
.05
.1
.5
1
5
10
50
100
0
20
40
60
80
100
120
140
160
180
200
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
110
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
DS-121121
2008/02/10
2015/10/12
F
7
.1
1.0
10
100
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
T =125 C
J
T =25 C
J


Similar Part No. - FM4003-S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM4003-L FORMOSA-FM4003-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4003-L FORMOSA-FM4003-L Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
FM4003-M FORMOSA-FM4003-M Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4003-M PACELEADER-FM4003-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FM4003-M LUGUANG-FM4003-M Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
More results

Similar Description - FM4003-S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM301-BS FORMOSA-FM301-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-MH1 FORMOSA-FM4001-MH1 Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-L FORMOSA-FM4001-L_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
HFM201 FORMOSA-HFM201_17 Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM201 FORMOSA-FM201_17 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM4001 FORMOSA-FM4001_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com