Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBT3904 Datasheet(PDF) 10 Page - Formosa MS

Part # FMBT3904
Description  SMD NPN Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3904 Datasheet(HTML) 10 Page - Formosa MS

Back Button FMBT3904_17 Datasheet HTML 3Page - Formosa MS FMBT3904_17 Datasheet HTML 4Page - Formosa MS FMBT3904_17 Datasheet HTML 5Page - Formosa MS FMBT3904_17 Datasheet HTML 6Page - Formosa MS FMBT3904_17 Datasheet HTML 7Page - Formosa MS FMBT3904_17 Datasheet HTML 8Page - Formosa MS FMBT3904_17 Datasheet HTML 9Page - Formosa MS FMBT3904_17 Datasheet HTML 10Page - Formosa MS FMBT3904_17 Datasheet HTML 11Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Reel packing
Page 10
SOT-23
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
11.6
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
7"
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
FMBT3904
Document ID
Issued Date
Revised Date
Revision
Page.
Profile Feature
Soldering Condition
Average ramp-up rate(T to T )
<3
/sec
Preheat
-Temperature Min(Tsmin)
150
-Temperature Max(Tsmax)
200
-Time(min to max)(t )
60~120sec
Tsmax to T
-Ramp-upRate
<3
/sec
Time maintained above:
-Temperature(T )
217
-Time(t )
60~260sec
Peak Temperature(T )
255
0/ 5
Time within 5
of actual Peak
Temperature(t )
Ramp-down Rate
<6
/sec
Time 25
to Peak Temperature
<6minutes
LP
s
L
L
L
P
P
o
o
o
o
o
oo
o
o
o
C
C
C
C
C
C-
+
C
C
C
C
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55% 25%
2.Reflow soldering of surface-mount devices
±
oo
CC
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
t25 C to Peak
o
Time
25
TL
TP
Ramp-down
SMD NPN Transistor
DS-231106
2008/02/10
2012/01/11
F
11


Similar Part No. - FMBT3904_17

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT3904 FORMOSA-FMBT3904_11 Datasheet
461Kb / 11P
   200mA Silicon NPN Epitaxial Planar Transistor
More results

Similar Description - FMBT3904_17

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT3904W FORMOSA-FMBT3904W Datasheet
884Kb / 11P
   SMD NPN Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
   SMD NPN Transistor
BC846A FORMOSA-BC846A Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
TAITRON Components Inco...
MMBT2222A TAITRON-MMBT2222A Datasheet
224Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
   SMD General Purpose Transistor (NPN)
BC846A TAITRON-BC846A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
   SMD General Purpose Transistor (NPN)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com