Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM4005-S Datasheet(PDF) 5 Page - Formosa MS

Part # FM4005-S
Description  Chip General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM4005-S Datasheet(HTML) 5 Page - Formosa MS

  FM4005-S Datasheet HTML 1Page - Formosa MS FM4005-S Datasheet HTML 2Page - Formosa MS FM4005-S Datasheet HTML 3Page - Formosa MS FM4005-S Datasheet HTML 4Page - Formosa MS FM4005-S Datasheet HTML 5Page - Formosa MS FM4005-S Datasheet HTML 6Page - Formosa MS FM4005-S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Page 5
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FM4001-S THRU FM4007-S
Item
Tolerance
SMA-S
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
330.00
178.00
50.00
62.00
13.00
1.75
5.50
4.00
4.00
2.00
0.23
12.00
18.00
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
2.90
5.50
2.10
Document ID
Issued Date
Revised Date
Revision
Page.
Chip General Purpose Rectifiers
DS-121121
2008/02/10
2015/10/12
F
7


Similar Part No. - FM4005-S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM4005-L FORMOSA-FM4005-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4005-L FORMOSA-FM4005-L Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
FM4005-M FORMOSA-FM4005-M Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4005-M PACELEADER-FM4005-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FM4005-M LUGUANG-FM4005-M Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
More results

Similar Description - FM4005-S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM301-BS FORMOSA-FM301-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-MH1 FORMOSA-FM4001-MH1 Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-L FORMOSA-FM4001-L_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
HFM201 FORMOSA-HFM201_17 Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM201 FORMOSA-FM201_17 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM4001 FORMOSA-FM4001_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com