Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR301 Datasheet(PDF) 4 Page - Formosa MS

Part # FR301
Description  Axial Leaded Fast Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FR301 Datasheet(HTML) 4 Page - Formosa MS

  FR301_17 Datasheet HTML 1Page - Formosa MS FR301_17 Datasheet HTML 2Page - Formosa MS FR301_17 Datasheet HTML 3Page - Formosa MS FR301_17 Datasheet HTML 4Page - Formosa MS FR301_17 Datasheet HTML 5Page - Formosa MS FR301_17 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
FR301
FR301
FR302
FR302
FR303
FR303
FR304
FR304
FR305
FR305
FR306
FR306
FR307
FR307
Page 4
2
1
Taping & bulk specifications for AXIAL devices
52.4mm
A
OFF Center
both sids
1.0mm
6.3mm
Max OFF
Alignment
1.2mm
72mm DIA.
355mm
17mm DIA.
55mm Max.
17mm DIA.
71mm Max.
REEL PACKING
DO-201AD
1,200
10 mm
360 * 340 * 370
4,800
9.1
AMMO PACKING
DO-201AD
1,200
260 * 83 * 160
440 * 270 * 340
12,000
17.0
Formosa MS
FR301 THRU FR307
Document ID
Issued Date
Revised Date
Revision
Page.
DEVICE
CASE
TYPE
Q'TY 1
(PCS / REEL)
COMPONENT
SPACING
"A" in FIG. A
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
DEVICE
CASE
TYPE
Q'TY 1
(PCS / BOX)
INNER
BOX SIZE
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
(m/m)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222213
2008/02/10
2010/03/11
C
6
Axial Leaded Fast Recovery Rectifiers


Similar Part No. - FR301_17

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR301 TSC-FR301_1 Datasheet
244Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301_10 Datasheet
546Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
logo
Micro Commercial Compon...
FR301 MCC-FR301_11 Datasheet
456Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
FR301 YANGJIE-FR301_11 Datasheet
132Kb / 2P
   Fast Recovery Rectifier
logo
Micro Commercial Compon...
FR301 MCC-FR301_13 Datasheet
479Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FR301_17

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301G FORMOSA-FR301G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933G FORMOSA-1N4933G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101 FORMOSA-FR101_17 Datasheet
99Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933 FORMOSA-1N4933_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151 FORMOSA-FR151_17 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101G FORMOSA-FR101G_17 Datasheet
107Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR601 FORMOSA-FR601_17 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151G FORMOSA-FR151G_17 Datasheet
106Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com