Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAL25-75RF8 Datasheet(PDF) 1 Page - Riedon Powertron

Part # UAL25-75RF8
Description  Aluminum Housed Power Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

UAL25-75RF8 Datasheet(HTML) 1 Page - Riedon Powertron

  UAL25-75RF8 Datasheet HTML 1Page - Riedon Powertron UAL25-75RF8 Datasheet HTML 2Page - Riedon Powertron UAL25-75RF8 Datasheet HTML 3Page - Riedon Powertron UAL25-75RF8 Datasheet HTML 4Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
05/16
• Power Rating 5 to 300Watts
• High Temperature: -55°C to +275°C
• Excellent Pulse Handling
• Resistances from 0.005 to 250kOhms
• Tolerance to ±0.01%
• Low TCR: ± 20ppm/K Standard
• Various Terminal Option Available
• All Welded Construction
SPECIFICATIONS
For Non-Inductive Windings / insert the letter “N” ( i.e. UALN-25 )
Part Description: Part Type - Resistance - Tolerance - TCR ( If not standard )
Example: UAL-25 10 Ohm 1%
UAL-25-4T
UAL-25-4
UAL-25-4TR
UAL Series
Aluminum Housed Power Wirewound Resistors
Ordering Information
Type
MIL-R-39009
MIL-R-18546
Style
Power Rating ( W @ 25°C )
Resistance
Range1
Commercial
MIL
Free Air
UAL-5
RER-60 / RE-60
7.5 a
5 a
4.5
0.01 to 22K
UAL-10
RER-65 / RE-65
10 a
10 a
7.5
0.005 to 10K
UAL-25
RER-70 / RE-70
25 b
20 b
12
0.005 to 36K
UAL-50
RER-75 / RE-75
50 c
30 c
20
0.01 to 86K
UAL-100
100 d
75 d
40
0.01 to 70K
UAL-180
-
180 d
-
-
0.01 to 50K
UAL-250
RER-80 / RE-80
250 d
120 d
100
0.01 to 50K
UAL-300
-
300 e
-
75
0.01 to 68K
1
For non-inductive windings, divide maximum resistance by 2
a
Heatsink Required : 0.040 [1.0] Alum. Plate, 129 in2 [832 cm2] or equiv.
b
Heatsink Required : 0.040 [1.0] Alum. Plate, 167 in2 [1077 cm2] or equiv.
c
Heatsink Required : 0.059 [1.5] Alum. Plate, 291 in2 [1877 cm2] or equiv.
d
Heatsink Required : 0.125 [3.2] Alum. Plate, 294 in2 [1896 cm2] or equiv.
e
Heatsink Required : 0.125 [3.2] Alum. Plate, 895 in2 [5780 cm2] or equiv.


Similar Part No. - UAL25-75RF8

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results

Similar Description - UAL25-75RF8

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL50-6RF8 RIEDON-UAL50-6RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-300RF8 RIEDON-UAL10-300RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL50-250RF8 RIEDON-UAL50-250RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com