Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A759MS826M1JAAE050 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A759MS826M1JAAE050
Description  Polymer Aluminum, 125C LowZ, A759, 82 uF, 20%, 63 V, -55/125C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A759MS826M1JAAE050 Datasheet(HTML) 1 Page - Kemet Corporation

  A759MS826M1JAAE050 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - c80b7262-eceb-4591-8877-7efb88295f0a
KEMET Part Number: A759MS826M1JAAE050
Polymer Aluminum, 125C LowZ, A759, 82 uF, 20%, 63 V, -55/+125C, Lead Spacing = 5mm
Dimensions
D
10mm +/-0.5mm
L
12mm +/-1mm
S
5mm +/-0.5mm
LL Negative
15mm MIN
LL Positive
19mm MIN
F
0.6mm +/-0.5mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 250
General Information
Dielectric: Polymer Aluminum
Series: A759
Description: Single Ended, Polymer
Aluminum
RoHS: Yes
Lead: Wire Leads
Specifications
Capacitance: 82 uF
Capacitance Tolerance: 20%
Voltage DC: 63 VDC, 72.45 VDC (Surge)
Temperature Range: -55/+125C
Rated Temperature: 125C
Life:
2000 Hrs (+/-20% Initial
Capacitance, 1.5x DF MAX,
Leakage Within Limit)
Dissipation Factor: 12% 120Hz 20C
Resistance: 50 mOhms (100kHz 20C)
Current: 2500 mAmps (100kHz 105C),
1380 mAmps (100kHz 125C)
Leakage Current: 774.9 uA (2min 20C)
Impedance Ratio at -25C: 1.25
Impedance Ratio at -55C: 1.25
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - A759MS826M1JAAE050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A759MS825M2EAAE458 KEMET-A759MS825M2EAAE458 Datasheet
61Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 8.2 uF, 20%, 250 V, -55/125C, Lead Spacing = 5mm
More results

Similar Description - A759MS826M1JAAE050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A759MW157M1JEAE048 KEMET-A759MW157M1JEAE048 Datasheet
120Kb / 1P
   A759, Polymer Aluminum, 125C LowZ, 150 uF, 20%, 63 V, -55/125C, Lead Spacing = 5mm
A759MY227M1JAAE045 KEMET-A759MY227M1JAAE045 Datasheet
61Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 220 uF, 20%, 63 V, -55/125C, Lead Spacing = 5mm
A759MW157M1JAAE048 KEMET-A759MW157M1JAAE048 Datasheet
62Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 150 uF, 20%, 63 V, -55/125C, Lead Spacing = 5mm
A759PY337M1JAAE042 KEMET-A759PY337M1JAAE042 Datasheet
61Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 330 uF, 20%, 63 V, -55/125C, 20mm, Lead Spacing = 5mm
A759SZ826M2EBAE150 KEMET-A759SZ826M2EBAE150 Datasheet
61Kb / 1P
   A759, Polymer Aluminum, 125C LowZ, 82 uF, 20%, 250 V, -55/125C, Lead Spacing = 7.5mm
A759MS156M2CAAE094 KEMET-A759MS156M2CAAE094 Datasheet
61Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 15 uF, 20%, 160 V, -55/125C, Lead Spacing = 5mm
A759MS157M1VEAE030 KEMET-A759MS157M1VEAE030 Datasheet
119Kb / 1P
   A759, Polymer Aluminum, 125C LowZ, 150 uF, 20%, 35 V, -55/125C, Lead Spacing = 5mm
A759MS685M2EAAE482 KEMET-A759MS685M2EAAE482 Datasheet
61Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 6.8 uF, 20%, 250 V, -55/125C, Lead Spacing = 5mm
A759MS186M2CAAE090 KEMET-A759MS186M2CAAE090 Datasheet
61Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 18 uF, 20%, 160 V, -55/125C, Lead Spacing = 5mm
A759MS825M2EAAE458 KEMET-A759MS825M2EAAE458 Datasheet
61Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 8.2 uF, 20%, 250 V, -55/125C, Lead Spacing = 5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com