Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF1262-0R25F1 Datasheet(PDF) 2 Page - Riedon Powertron

Part # PF1262-0R25F1
Description  TO-126 Power Thin Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PF1262-0R25F1 Datasheet(HTML) 2 Page - Riedon Powertron

  PF1262-0R25F1 Datasheet HTML 1Page - Riedon Powertron PF1262-0R25F1 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
08/14
SPECIFICATIONS (continued)
Power Rating Notes -
The PF1260 Series Thin Film Resistors must be attached to a
suitable heatsink. The maximum internal resistor temperature is
155°C.
To specify an appropriate heatsink use the following formula :
R
θH = TMAX - ( P x RθR ) - TA
P
Where:
R
θH = Thermal Resistance of Heatsink ( K/W )
R
θR = Thermal Resistance of Resistor ( K/W )
T
MAX = Maximum Temperature of Resistor
T
A = Ambient Temperature of Heatsink ( °C )
P = Power Through Resistor ( W )
Mounting Notes -
The PF1260 Series Thin Film Resistors must be attached to
a suitable heatsink. Mount resistor using thermal grease to
a clean / flat surface. Use a compression washer to provide
150 to 300 pounds ( 665 to 1330N ) of mounting force. Torque
mounting screw to 8 in-lbs ( 0.9 Nm ).
Back plate is isolated from both pins.
PF1262 Series
TO-126 Power Thin Film Resistors
-25
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Backplate Temperature (°C)
PF
126
2
Power Derating Curve


Similar Part No. - PF1262-0R25F1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF1262-20KF1 RIEDON-PF1262-20KF1 Datasheet
181Kb / 2P
   TO-126 Power Thin Film Resistors
More results

Similar Description - PF1262-0R25F1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF1260 RIEDON-PF1260_13 Datasheet
181Kb / 2P
   TO-126 Power Thin Film Resistors
PF1262-20KF1 RIEDON-PF1262-20KF1 Datasheet
181Kb / 2P
   TO-126 Power Thin Film Resistors
PF1262 RIEDON-PF1262_14 Datasheet
181Kb / 2P
   TO-126 Power Thin Film Resistors
PF1260 RIEDON-PF1260_11 Datasheet
226Kb / 2P
   TO-126 Power Film Resistors
PF1260 RIEDON-PF1260 Datasheet
272Kb / 2P
   TO-126 Power Film Resistors
PF2200 RIEDON-PF2200_13 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2203-100RF1 RIEDON-PF2203-100RF1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2200 RIEDON-PF2200_15 Datasheet
258Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-0R05J1 RIEDON-PF2205-0R05J1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2470 RIEDON-PF2470_13 Datasheet
206Kb / 2P
   TO-247 Power Thin Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com