Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRB7N80 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRB7N80
Description  N-CHANNEL MOSFET in a TO-263 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRB7N80 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRB7N80 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB7N80 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB7N80 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB7N80 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB7N80 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB7N80 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BRB7N80
Rev.D May.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Drain-Source Voltage
VDSS
800
V
Drain Current
ID(Tc=25℃)
7.0
A
Drain Current
ID(Tc=100℃)
4.2
A
Drain Current - Pulsed
IDM
26.4
A
Gate-Source Voltage
VGS
±30
V
Single Pulsed Avalanche Energy
EAS
580
mJ
Repetitive Avalanche Energy
EAR
16.7
mJ
Avalanche Current
IAR
6.6
A
Power Dissipation
PD(Tc=25℃)
56
W
Operating and Storage Temperature Range
TJ,TSTG
-55 to 150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V
ID=250μA
800
V
Zero Gate Voltage Drain Current
IDSS
VDS=800V
VGS=0V
10
μA
VDS=640V
TC=125℃
100
μA
Gate-Body Leakage Current
Forward
IGSS
VGS=±30V
VDS=0V
±0.1
μA
Gate Threshold Voltage
VGS(th)
VDS=VGS
ID=250μA
3.0
5.0
V
Static Drain-Source
On-Resistance
RDS(on)
VGS=10V
ID=3.5A
1.57
1.9
Forward Transconductance
gFS
VDS=50V
ID=3.5A
5.5
S
Drain-Source Diode Forward
Voltage
VSD
VGS=0V
IS=7.0A
1.4
V
Input Capacitance
Ciss
VDS=25V
VGS=0V
f=1.0MHz
1290
1680
pF
Output Capacitance
Coss
120
155
pF
Reverse Transfer Capacitance
Crss
10
13
pF
Turn-On Delay Time
td(on)
VDD=400V
ID=7.0A
RG=25Ω
35
80
ns
Turn-On Rise Time
tr
100
200
ns
Turn-Off Delay Time
td(off)
50
110
ns
Turn-Off Fall Time
tf
60
130
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - BRB7N80

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRB7N60 FOSHAN-BRB7N60 Datasheet
753Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB7N65 FOSHAN-BRB7N65 Datasheet
517Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
More results

Similar Description - BRB7N80

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRB10N65 FOSHAN-BRB10N65 Datasheet
1,008Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB840 FOSHAN-BRB840 Datasheet
711Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB7N65 FOSHAN-BRB7N65 Datasheet
517Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB7N60 FOSHAN-BRB7N60 Datasheet
753Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB4N60 FOSHAN-BRB4N60 Datasheet
800Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB50N06 FOSHAN-BRB50N06 Datasheet
762Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB100N10 FOSHAN-BRB100N10 Datasheet
893Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB80N08 FOSHAN-BRB80N08 Datasheet
757Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB80N10 FOSHAN-BRB80N10 Datasheet
887Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB80N06 FOSHAN-BRB80N06 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com