Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRB50N06 Datasheet(PDF) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRB50N06
Description  N-CHANNEL MOSFET in a TO-263 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRB50N06 Datasheet(HTML) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRB50N06 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB50N06 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB50N06 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB50N06 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB50N06 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB50N06 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BRB50N06
Rev.D May.-2016
DATA SHEET
http://www.fsbrec.com
4 / 6
外形尺寸图 / Package Dimensions


Similar Part No. - BRB50N06

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BRB-2156 MOLEX4-BRB-2156 Datasheet
93Kb / 3P
   InsulKrimp??Snap Plug Receptacle for 14-16 AWG Wire, PVC, Fits Male PlugDiameter 3.96mm (.156")
BRB-2156N MOLEX4-BRB-2156N Datasheet
93Kb / 3P
   InsulKrimp??Snap Plug Receptacle for 14-16 AWG Wire, Nylon, Fits Male PlugDiameter 3.96mm (.156")
BRB-2180 MOLEX4-BRB-2180 Datasheet
93Kb / 2P
   InsulKrimp??Snap Plug Receptacle for 14-16 AWG Wire
BRB-2180N MOLEX4-BRB-2180N Datasheet
93Kb / 2P
   InsulKrimp??Snap Plug Receptacle for 14-16 AWG Wire, Nylon, Fits Male PlugDiameter 4.57mm (.180")
BRB-8156 MOLEX4-BRB-8156 Datasheet
120Kb / 3P
   Avikrimp??Snap Plug Receptacle for 14-16 AWG Wire, PVC, Fits Male Plug Diameter3.96mm (.156")
More results

Similar Description - BRB50N06

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRB7N80 FOSHAN-BRB7N80 Datasheet
996Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB10N65 FOSHAN-BRB10N65 Datasheet
1,008Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB840 FOSHAN-BRB840 Datasheet
711Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB7N65 FOSHAN-BRB7N65 Datasheet
517Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB7N60 FOSHAN-BRB7N60 Datasheet
753Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB4N60 FOSHAN-BRB4N60 Datasheet
800Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB100N10 FOSHAN-BRB100N10 Datasheet
893Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB80N08 FOSHAN-BRB80N08 Datasheet
757Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB80N10 FOSHAN-BRB80N10 Datasheet
887Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB80N06 FOSHAN-BRB80N06 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com