Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1041648 Datasheet(PDF) 3 Page - SICK AG

Part # 1041648
Description  SAFETY LASER SCANNERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1041648 Datasheet(HTML) 3 Page - SICK AG

  1041648 Datasheet HTML 1Page - SICK AG 1041648 Datasheet HTML 2Page - SICK AG 1041648 Datasheet HTML 3Page - SICK AG 1041648 Datasheet HTML 4Page - SICK AG 1041648 Datasheet HTML 5Page - SICK AG 1041648 Datasheet HTML 6Page - SICK AG 1041648 Datasheet HTML 7Page - SICK AG 1041648 Datasheet HTML 8Page - SICK AG 1041648 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
S31A-7011CA | S3000 Cold Store
SAFETY LASER SCANNERS
Functions
Multiple sampling
Monitoring case switching
Simultaneous monitoring
Static protective field switching
Contour as a reference
Safe SICK device communication via EFI
Interfaces
Connection type
System plug
Inputs
Static control inputs 2
Static control inputs with EFI 5 1)
Outputs
OSSD pairs 1
Diagnostic outputs 2 2)
Configuration method
PC with CDS (Configuration and Diagnostic Software)
Configuration and diagnostics interface
RS-232
Transmission rate 9.6 kBaud, 19.2 kBaud, 38.4 kBaud
Safe SICK device communication via EFI
Transmission rate ≤ 500 kBaud
Cable length ≤ 50 m
Conductor cross-section 0.34 mm²
Fieldbus, industrial network
Integration via EFI gateways CANopen, Ethernet, PROFIBUS DP, PROFIBUS PROFIsafe, PROFINET PROFIsafe 3)
1) In combination with an EFI device (Flexi Soft or EFI gateway) five static control inputs are available. Otherwise two.
2) Freely programmable, e.g. warning field, contamination, reset required.
3) For a suitable EFI-gateway see modules and gateways in the accessory section of connection systems.
Electrical data
Protection class
II (EN 50178)
Supply voltage Vs
Scanner 24 V DC (17.5 V DC ... 28.8 V DC)
Heating 24 V DC (16.8 V DC ... 28.8 V DC)
Power consumption
Scanner ≤ 0.8 A 1)
≤ 2.3 A 2)
Heating ≤ 6 A, cyclical
Outputs
Safety outputs (OSSD) 2 x 500 mA
Diagnostic outputs 2 x 100 mA 3)
1) At 24 V DC without output load.
2) At 24 V DC including maximum output load.
3) Freely programmable, e.g. warning field, contamination, reset required.
2017-05-23 16:45:04 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3


Similar Part No. - 1041648

ManufacturerPart #DatasheetDescription
logo
Heyco.
10416 HEYCO-10416 Datasheet
101Kb / 1P
   Nylon PCB Supports - Reverse Locking
logo
Weidmuller
1041600000 WEIDMULLER-1041600000 Datasheet
566Kb / 13P
   Double-tier terminal, Screw connection, 2.5 mm짼
October 2, 2021
1041610000 WEIDMULLER-1041610000 Datasheet
569Kb / 13P
   Double-tier terminal, Screw connection, 2.5 mm짼
October 6, 2021
1041620000 WEIDMULLER-1041620000 Datasheet
502Kb / 8P
   PE terminal, Double-tier terminal, Screw connection
October 4, 2021
1041650000 WEIDMULLER-1041650000 Datasheet
555Kb / 13P
   Double-tier terminal, Screw connection, 2.5 mm짼
September 30, 2021
More results

Similar Description - 1041648

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
MICS3-AAAZ40AZ1P01 SICK-MICS3-AAAZ40AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
MICS3-AAAZ55AZ1P01 SICK-MICS3-AAAZ55AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
S30A-6111CP SICK-S30A-6111CP Datasheet
1Mb / 6P
   SAFETY LASER SCANNERS
S30B-2011CA SICK-S30B-2011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30B-3011BA SICK-S30B-3011BA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com