Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFS60E-THNJ01024 Datasheet(PDF) 7 Page - SICK AG

Part # VFS60E-THNJ01024
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

VFS60E-THNJ01024 Datasheet(HTML) 7 Page - SICK AG

  VFS60E-THNJ01024 Datasheet HTML 1Page - SICK AG VFS60E-THNJ01024 Datasheet HTML 2Page - SICK AG VFS60E-THNJ01024 Datasheet HTML 3Page - SICK AG VFS60E-THNJ01024 Datasheet HTML 4Page - SICK AG VFS60E-THNJ01024 Datasheet HTML 5Page - SICK AG VFS60E-THNJ01024 Datasheet HTML 6Page - SICK AG VFS60E-THNJ01024 Datasheet HTML 7Page - SICK AG VFS60E-THNJ01024 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VFS60E-THNJ01024 | VFS60
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Brief description
Type
Part no.
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: Incremental, drag chain use, PUR, shielded, 30 m
DOL-2312-
G30MMA3
2029217
Head A: male connector, M12, 5-pin, angled, B-coded
Head B: cable
Cable: PROFIBUS DP, drag chain use, twisted pair, PUR, shielded, 5 m
STL-1205-W05MQ
6041426
Head A: male connector, M12, 5-pin, angled, B-coded
Head B: cable
Cable: PROFIBUS DP, drag chain use, twisted pair, PUR, shielded, 10 m
STL-1205-W10MQ
6041427
Head A: female connector, JST, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: Incremental, unshielded, 1 m
DSL-2317-G01MJB7
2071332
Head A: female connector, terminal box, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: Incremental, unshielded, 1 m
DSL-2317-G01MJC7
2071331
Head A: female connector, JST, 8-pin, straight
Head B: male connector, M23, 12-pin, straight
Cable: Incremental, drag chain use, PUR, halogen-free, shielded, 1 m
STL-2312-G01MAA3
2061622
Head A: female connector, JST, 8-pin, straight
Head B: male connector, M23, 12-pin, straight
Cable: Incremental, drag chain use, PUR, halogen-free, shielded, 2 m
STL-2312-G02MAA3
2061504
Head A: female connector, JST, 8-pin, straight
Head B: male connector, M23, 12-pin, straight
Cable: Incremental, drag chain use, PUR, halogen-free, shielded, 0.35 m
STL-2312-GM35AA3
2061621
Head A: female connector, M23, 12-pin, straight
Head B: -
Cable: HIPERFACE®, SSI, Incremental, shielded
DOS-2312-G
6027538
Head A: female connector, M23, 12-pin, angled
Head B: -
Cable: HIPERFACE®, SSI, Incremental, shielded
DOS-2312-W01
2072580
Head A: male connector, M23, 12-pin, straight
Head B: -
Cable: HIPERFACE®, SSI, Incremental, RS-422, shielded
STE-2312-G
6027537
Programming and configuration tools
SVip® LAN programming tool for all motor feedback systems
PGT-11-S LAN
1057324
SVip® WLAN programming tool for all motor feedback systems
PGT-11-S WLAN
1067474
2017-07-07 18:51:26 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
7


Similar Part No. - VFS60E-THNJ01024

ManufacturerPart #DatasheetDescription
logo
SICK AG
VFS60E-THNK01024 SICK-VFS60E-THNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
More results

Similar Description - VFS60E-THNJ01024

ManufacturerPart #DatasheetDescription
logo
SICK AG
VFS60E-BDEJ01024 SICK-VFS60E-BDEJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-BJNK01024 SICK-VFS60E-BJNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T5AK01024 SICK-VFS60B-T5AK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T8CK01024 SICK-VFS60B-T8CK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-TDNJ01024 SICK-VFS60E-TDNJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-THNK01024 SICK-VFS60E-THNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-BHCK01024 SICK-VFS60E-BHCK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T7AK02048 SICK-VFS60B-T7AK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-T7CK02048 SICK-VFS60E-T7CK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-T7EJ01024 SICK-VFS60E-T7EJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T5CK02048 SICK-VFS60B-T5CK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com