Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C221K5RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C221K5RACTU
Description  Ceramic, Commercial-(CxxxxC), 220 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C221K5RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C221K5RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 9cb0beb4-fccc-4867-9b60-dd6d798cd1ce
KEMET Part Number: C0402C221K5RACTU
(C0402C221K5RAC7867)
Ceramic, Commercial-(CxxxxC), 220 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
1mm +/-0.05mm
W
0.5mm +/-0.05mm
T
0.5mm +/-0.05mm
S
0.3mm MIN
B
0.3mm +/-0.1mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 10000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0402
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 220 pF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0402C221K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C221K5RAC KEMET-C0402C221K5RAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C0402C221K5RACAUTO KEMET-C0402C221K5RACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 220 pF, 10%, 50 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0402
More results

Similar Description - C0402C221K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C271K5RACTU KEMET-C0402C271K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 270 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C822K5RACTU KEMET-C0402C822K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 8200 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C472K5RACTU KEMET-C0402C472K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C682K5RACTU KEMET-C0402C682K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 6800 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C561K5RACTU KEMET-C0402C561K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 560 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C151K5RACTU KEMET-C0402C151K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 150 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C392K5RACTU KEMET-C0402C392K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3900 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C681K5RACTU KEMET-C0402C681K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 680 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C272K5RACTU KEMET-C0402C272K5RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2700 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C182K5RACTU KEMET-C0402C182K5RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1800 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com