Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP599B Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OP599B
Description  NPN Plastic Silicon Phototransistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP599B Datasheet(HTML) 1 Page - OPTEK Technologies

  OP599B Datasheet HTML 1Page - OPTEK Technologies OP599B Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Variety of sensitivity ranges
T-1 3/4 package style
Description
The OP599 series phototransistor
consists of an NPN silicon
phototransistor mounted in a dark blue
plastic injection molded shell package.
The narrow receiving angle provides
excellent on-axis coupling. The sensors
are 100% production tested for close
correlation with Optek GaAlAs emitters.
Optek’s packaging process provides
excellent optical and mechanical axis
alignment. The shell also provides
excellent optical lens surface, control of
chip placement, and consistency of the
outside package dimensions.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Collector-Emitter Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V
Emitter-Collector Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 V
Continuous Collector Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Storage and Operating Temperature Range . . . . . . . . . . . . . . . . . . -40
o C to +100o C
Lead Soldering Temperature (1/16 inch [1.6 mm] from case for 5 sec. with
soldering iron). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
o C(1)
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(2)
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering.
Max. 20 grams force may be applied to leads when soldering.
(2) Derate linearly 1.33 mW/
o C above 25o C.
(3) VCE = 5 V. Light source is an unfiltered GaAlAs emitting diode operating at peak emission
wavelength of 890 nm and Ee(APT) of .25 mW/cm
2.
(4) This dimension is held to within
±0.005" on the flange edge and may vary up to ±0.020" in
the area of the leads.
Typical Performance Curves
Product Bulletin OP599
June 1996
NPN Plastic Silicon Phototransistors
Type OP599 Series
Typical Spectral Response
Wavelength - nm
3-34
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972)323-2396


Similar Part No. - OP599B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP599B TTELEC-OP599B Datasheet
308Kb / 3P
   NPN Silicon Phototransistor
More results

Similar Description - OP599B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP593 OPTEK-OP593 Datasheet
470Kb / 4P
   NPN PLASTIC SILICON PHOTOTRANSISTORS
OP800 OPTEK-OP800 Datasheet
92Kb / 2P
   NPN Silicon Phototransistors
OP555 OPTEK-OP555 Datasheet
222Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
OP509 OPTEK-OP509 Datasheet
83Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
OP600 OPTEK-OP600 Datasheet
90Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
logo
Clairex Technologies, I...
CLT130 CLAIREX-CLT130 Datasheet
126Kb / 1P
   NPN Silicon Phototransistors
logo
TT Electronics.
OP516A TTELEC-OP516A Datasheet
546Kb / 2P
   NPN Silicon Phototransistors
logo
OPTEK Technologies
OP550A OPTEK-OP550A Datasheet
340Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
logo
Panasonic Semiconductor
PNA1401LF PANASONIC-PNA1401LF Datasheet
50Kb / 3P
   Silicon NPN Phototransistors
logo
List of Unclassifed Man...
CLT130W ETC2-CLT130W Datasheet
120Kb / 1P
   NPN Silicon Phototransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com