Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1PDB122N08 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # S1PDB122N08
Description  Single Phase Bridge Rectifiers Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S1PDB122N08 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  S1PDB122N08 Datasheet HTML 1Page - Sirectifier Semiconductors S1PDB122N08 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S1PDB122NXX
Type
S1PDB122N08
S1PDB122N10
S1PDB122N12
S1PDB122N14
S1PDB122N16
S1PDB122N18
VRRM
V
800
1000
1200
1400
1600
1800
VRSM
V
900
1100
1300
1500
1700
1900
Dimensions in mm (1mm=0.0394")
Symbol
Test Conditions
Maximum Ratings
Unit
Idav
Idav
TC=100oC, module
TA=35oC (RthCA=0.2K/W), module
122
115
A
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
1800
1950
1600
1800
A
IFSM
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
16200
16200
12800
13400
A2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+125
oC
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
2500
3000
V~
Md
Mounting torque (M6)
Terminal connection torque (M6)
_
5 + 15%
5 + 15%
Nm
_
_
Weight
typical
270
g
+
~
~
M6x10
C~
E~
A+
B-
12
25
66
26
26
72
80
94
Single Phase Bridge Rectifiers Modules
+
~
~
_
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S1PDB122N08

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PDB122N08 SIRECTIFIER-S1PDB122N08 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
More results

Similar Description - S1PDB122N08

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PDB174 SIRECTIFIER-S1PDB174 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB122 SIRECTIFIER-S1PDB122 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB60NXX SIRECTIFIER-S1PDB60NXX Datasheet
83Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB174NXX SIRECTIFIER-S1PDB174NXX Datasheet
87Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB52NXX SIRECTIFIER-S1PDB52NXX Datasheet
81Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB72NXX SIRECTIFIER-S1PDB72NXX Datasheet
96Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB52 SIRECTIFIER-S1PDB52 Datasheet
64Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB72 SIRECTIFIER-S1PDB72 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB60 SIRECTIFIER-S1PDB60 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB35005 SIRECTIFIER-S1PDB35005 Datasheet
100Kb / 2P
   Single Phase Bridge Rectifiers Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com