Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1PDB5001 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # S1PDB5001
Description  Single Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S1PDB5001 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  S1PDB5001 Datasheet HTML 1Page - Sirectifier Semiconductors S1PDB5001 Datasheet HTML 2Page - Sirectifier Semiconductors S1PDB5001 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Single Phase Bridge Rectifiers
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Instantaneous Forward Voltage (V)
Average Forward Current (A)
Average Forward Current (A)
Maximum Allowable Ambient Temperature °C
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
1
10
100
1000
0.5
1
1.5
2
2.5
3
T = 25˚C
J
T = 150˚C
J
40
50
60
70
80
90
100
110
120
130
140
150
10
20
30
40
50
180˚
(Sine)
180˚
(Rect)
Pulse Train Duration (s)
25
50
75
100
0
10
20
30
40
50
60
70
80
0
20
30
40
50
W
/K
1
W
/K
7.
0
W
/K
3
W
/K
2
R
atl
e
D
-
W
/K
5.
0
=
A
S
ht
R
180˚
(Sine)
180˚
(Rect)
T = 150˚C
J
Square Wave Pulse Duration (s)
Fig. 5- Thermal Impedance Z thJC Characteristic
.001
0.01
0.1
1
10
0.001 0.01
0.1
1
10
100
Steady State Value
R
= 1.4 K/W
(DC Operation)
thJC
S1PDB50XX
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S1PDB5001

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PDB50N06 SIRECTIFIER-S1PDB50N06 Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
S1PDB50N08 SIRECTIFIER-S1PDB50N08 Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
S1PDB50N12 SIRECTIFIER-S1PDB50N12 Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
S1PDB50N14 SIRECTIFIER-S1PDB50N14 Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
S1PDB50N16 SIRECTIFIER-S1PDB50N16 Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
More results

Similar Description - S1PDB5001

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
   Single Phase Bridge Rectifiers
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
   Single Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com