Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRD640 Datasheet(PDF) 8 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRD640
Description  N-CHANNEL MOSFET in a TO-252 Plastic Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRD640 Datasheet(HTML) 8 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRD640 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRD640 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRD640 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRD640 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRD640 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRD640 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BRD640 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BRD640 Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd. BRD640 Datasheet HTML 9Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BRD640
Rev.D May.-2016
DATA SHEET
http://www.fsbrec.com
8 / 9
印章说明 / Marking Instructions

说明:
BR:

为公司代码
640:

为型号代码
****:

为生产批号代码,随生产批号变化。
Note:
BR:


Company Code
640:
Product Type.
****:

Lot No. Code, code change with Lot No.
BR
****
640


Similar Part No. - BRD640

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRD630 FOSHAN-BRD630 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
logo
First Silicon Co., Ltd
BRD630 FS-BRD630 Datasheet
610Kb / 4P
   N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
BRD630 DOINGTER-BRD630 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Foshan Blue Rocket Elec...
BRD65R600C FOSHAN-BRD65R600C Datasheet
1Mb / 9P
   N-CHANNEL 650V Super-Junction Power MOSFET in a TO-252 Plastic Package
BRD6N60 FOSHAN-BRD6N60 Datasheet
757Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
More results

Similar Description - BRD640

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRD7N60 FOSHAN-BRD7N60 Datasheet
1,021Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD80N06 FOSHAN-BRD80N06 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD3N25 FOSHAN-BRD3N25 Datasheet
936Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD630 FOSHAN-BRD630 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD2N60 FOSHAN-BRD2N60 Datasheet
687Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD5N20 FOSHAN-BRD5N20 Datasheet
1Mb / 11P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD2N65 FOSHAN-BRD2N65 Datasheet
698Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD4N60 FOSHAN-BRD4N60 Datasheet
733Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD5N50 FOSHAN-BRD5N50 Datasheet
985Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD5N60 FOSHAN-BRD5N60 Datasheet
804Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD6N60 FOSHAN-BRD6N60 Datasheet
757Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com