Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-53 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # AN-53
Description  Implementing an RC5051 DC-DC Converter on Pentium II Motherboards
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-53 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button AN-53 Datasheet HTML 4Page - Fairchild Semiconductor AN-53 Datasheet HTML 5Page - Fairchild Semiconductor AN-53 Datasheet HTML 6Page - Fairchild Semiconductor AN-53 Datasheet HTML 7Page - Fairchild Semiconductor AN-53 Datasheet HTML 8Page - Fairchild Semiconductor AN-53 Datasheet HTML 9Page - Fairchild Semiconductor AN-53 Datasheet HTML 10Page - Fairchild Semiconductor AN-53 Datasheet HTML 11Page - Fairchild Semiconductor AN-53 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AN53
APPLICATION NOTE
8
Two MOSFETs in parallel.
If output current is high, We recommend two MOSFETs
used in parallel instead of one single MOSFET. The follow-
ing significant advantages are realized using two MOSFETs
in parallel:
• Significant reduction of Power dissipation.
Example: RC5051 with Maximum output current of 14A
at 2.8V with one MOSFET on the high side:
PMOSFET = (I
2 R
DS,ON)(Duty Cycle) =
(14A)2 (0.050
W)(2.8V / 5V) = 5.5W
With two MOSFETs in parallel:
PMOSFET = (I 2 RDS,ON )(Duty Cycle) =
(14A/2)2 (0.037
W) (2.8V / 5V) = 1.0W/FET
*Note: RDS,ON increases with temperature. Assume RDS,ON =
25m
W at 25°C. RDS, ON can easily increase to 50mW at high tempera-
ture when using a single MOSFET. When using two MOSFETs in par-
allel, the temperature effects should not cause the RDS, ON to rise as
much.
• Smaller heat sink required.
With power dissipation down to around one watt,
considerably less heat sink is required.
• Reliability.
With thermal management under control, this DC-DC
converter is able to deliver load currents up to 14.5A with
no performance or reliability concerns.
• MOSFET Gate Bias.
As already discussed, the low-side MOSFET on the
RC5051 needs only 5V for its gate drive supply. The high-
side MOSFET can be biased by one of two methods:
Charge Pump or 12V Gate Bias.
• Method 1. Charge pump (or Bootstrap) method.
Figure 4 displays the use of a charge pump to provide gate
bias to the high-side MOSFET with the RC5051.
Capacitor CP is the charge pump deployed to boost the
voltage of the RC5051 output driver. When the MOSFET
switches off, the source of the MOSFET is at
approximately 0V. VCCQP is charged through the
Schottky diode D1 to approximately 4.5V. Thus, the
capacitor CP is charged to approximately 4.5V. When the
MOSFET turns on, the source of the MOSFET voltage is
equal to 5V. The capacitor voltage follows, and hence
provides a voltage at VCCQP equal to approximately 10V.
The Schottky diode D1 is required to provide the charge
path when the MOSFET is off, and reverses bias when the
VCCQP goes to 10V. The charge pump capacitor, CP,
needs to be a high Q, high frequency capacitor. A 1
mF
ceramic capacitor is recommended here.
Figure 4. Charge Pump Configuration
• Method 2. 12V Gate Bias.
Figure 5 illustrates how a 12V source can be used to bias the
VCCQP. A 47
W resistor is used to limit the transient current
into the VCCQP pin and a 1
mF capacitor filter is used to filter
the VCCQP supply. This method provides a higher gate bias
voltage (VGS ) to the MOSFET than the charge-pump method
does, and therefore reduces the RDS, ON of the MOSFET and
thus reduces the power loss due to the MOSFET. Figure 6
shows how RDS, ON reduces dramatically with VGS increases.
A 6.2V Zener diode (D1) is placed from VCCQP to 5V to
clamp the voltage at VCCQP to a maximum of 12V and
ensure that the absolute maximum voltage of the IC will not
be exceeded
.
Figure 5. 12V Gate Bias Configuration
Figure 6. RDS,ON vs. VGS for Selected MOSFETs
PWM/PFM
Control
65-5051-06
VO
+5V
D1
D2
CP
Q1
Q2
L2
RS
COUT
VCCQP
HIDRV
LODRV
GNDP
PWM/PFM
Control
65-5051-07
VO
+5V
+12V
D2
1
µF
Q1
Q2
L2
RS
47
½ D1
VCCQP
HIDRV
LODRV
GNDP
COUT
IRL2203NS
NDP6030L
FDP7030L
NDB603AL


Similar Part No. - AN-53

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-535 AD-AN-535 Datasheet
339Kb / 8P
   Digital Input/Output Subsystems
More results

Similar Description - AN-53

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3871 FUJITSU-MB3871 Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3828 FUJITSU-MB3828 Datasheet
245Kb / 26P
   Pentium DC/DC Converter IC
logo
STMicroelectronics
AN2957 STMICROELECTRONICS-AN2957 Datasheet
1Mb / 21P
   Implementing an RC5 infrared transmitter
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
   Dual DC-DC converter for powering an AMOLED display
logo
Power Integrations, Inc...
DPA425GN POWERINT-DPA425GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA423GN POWERINT-DPA423GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA425PN POWERINT-DPA425PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
   The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Power Integrations, Inc...
DPA426R-TL POWERINT-DPA426R-TL Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com