Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1118S18A Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1118S18A
Description  1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1118S18A Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP1118S18A Datasheet HTML 2Page - Anachip Corp AP1118S18A Datasheet HTML 3Page - Anachip Corp AP1118S18A Datasheet HTML 4Page - Anachip Corp AP1118S18A Datasheet HTML 5Page - Anachip Corp AP1118S18A Datasheet HTML 6Page - Anachip Corp AP1118S18A Datasheet HTML 7Page - Anachip Corp AP1118S18A Datasheet HTML 8Page - Anachip Corp AP1118S18A Datasheet HTML 9Page - Anachip Corp AP1118S18A Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Feb. 15, 2005
7/10
Package Dimension
(1) TO220-5
E
b
e1
A
J1
F
C
ΦP
e
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.07
4.45
4.82
0.160
0.175
0.190
b
0.76
0.89
1.02
0.030
0.035
0.040
C
0.36
0.50
0.64
0.014
0.020
0.025
D
14.22
14.86
15.50
0.560
0.585
0.610
E
9.78
10.16
10.54
0.385
0.400
0.415
e
1.57
1.71
1.85
0.062
0.067
0.073
e1
6.68
6.81
6.93
0.263
0.268
0.273
F
1.14
1.27
1.40
0.045
0.050
0.055
H1
5.46
6.16
6.86
0.215
0.243
0.270
J1
2.29
2.74
3.18
0.090
0.108
0.125
L
13.21
13.97
14.73
0.520
0.550
0.580
Øp
3.68
3.81
3.94
0.145
0.150
0.155
Q
2.54
2.73
2.92
0.100
0.107
0.115


Similar Part No. - AP1118S18A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115 DIODES-AP1115 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115 DIODES-AP1115 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115-1.5 DIODES-AP1115-1.5 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1118S18A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
GTM CORPORATION
G5M1119 GTM-G5M1119 Datasheet
249Kb / 4P
   0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
logo
Anachip Corp
AP1119 ANACHIP-AP1119 Datasheet
130Kb / 5P
   0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
SeCoS Halbleitertechnol...
S5J1118 SECOS-S5J1118 Datasheet
501Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com