Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS114S06BIRHBR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS114S06BIRHBR
Description  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S06BIRHBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS114S06BIRHBR Datasheet HTML 4Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 5Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 6Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 7Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 8Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 9Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 10Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 11Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
8
ADS114S06B, ADS114S08B
SBAS852 – AUGUST 2017
www.ti.com
Product Folder Links: ADS114S06B ADS114S08B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –40°C to +125°C; typical specifications are at TA = 25°C;
all specifications are at AVDD = 2.7 V to 5.25 V, AVSS = 0 V, DVDD = IOVDD = 3.3 V, all gains, internal reference, internal
oscillator, and all data rates (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
The IDAC current does not change by more than 0.1% from the nominal value when staying within the specified compliance voltage.
VOLTAGE REFERENCE INPUTS
Absolute input current
Reference buffers disabled, external VREF = 2.5 V,
REFP1/REFN1 inputs
4
µA/V
Reference buffers enabled, external VREF = 2.5 V,
REFP1/REFN1 inputs
5
nA
INTERNAL VOLTAGE REFERENCE
VREF
Output voltage
2.5
V
Accuracy
TA = 25°C
–0.2%
±0.01%
0.2%
Temperature drift
8
40
ppm/°C
Output current
AVDD = 2.7 V to 3.3 V, sink and source
–5
5
mA
AVDD = 3.3 V to 5.25 V, sink and source
–10
10
Short-circuit current limit
Sink and source
70
100
mA
PSRR
Power-supply rejection ratio
AVDD at dc
85
dB
Load regulation
AVDD = 2.7 V to 3.3 V,
load current = –5 mA to 5 mA
8
µV/mA
AVDD = 3.3 V to 5.25 V,
load current = –10 mA to 10 mA
8
Startup time
1-µF capacitor on REFOUT, 0.001% settling
5.9
ms
Capacitive load stability
Capacitor on REFOUT
1
47
µF
Reference noise
f = 0.1 Hz to 10 Hz, 1-µF capacitor on REFOUT
9
µVPP
INTERNAL OSCILLATOR
fCLK
Frequency
4.096
MHz
Accuracy
–2%
2%
EXCITATION CURRENT SOURCES (IDACS)
Current settings
10, 50, 100,
250, 500, 750,
1000, 1500, 2000
µA
Compliance voltage(3)
10 µA to 750 µA, 0.1% deviation
AVSS
AVDD – 0.4
V
1 mA to 2 mA, 0.1% deviation
AVSS
AVDD – 0.6
Accuracy (each IDAC)
TA = 25°C, 10 µA to 2 mA
–6%
±1%
6%
Current mismatch between
IDACs
TA = 25°C, 10 µA to 2 mA
0.2%
Temperature drift (each IDAC)
10 µA to 2 mA
100
ppm/°C
Temperature drift matching
between IDACs
10 µA to 2 mA
10
ppm/°C
Startup time
With internal reference already settled. From end of
WREG command to current flowing out of pin.
22
µs
BIAS VOLTAGE
VBIAS
Output voltage
(AVDD + AVSS) / 2
V
Output impedance
350
Ω
Startup time
Combined capacitive load on all selected analog
inputs CLOAD = 1 µF, 0.1% settling
2.8
ms
BURNOUT CURRENT SOURCES (BOCS)
Current settings
0.2, 1, 10
µA
Accuracy
0.2 µA, sinking or sourcing
±8%
1 µA, sinking or sourcing
±4%
10 µA, sinking or sourcing
±2%
SUPPLY VOLTAGE MONITORS
Accuracy
(AVDD – AVSS) / 4 monitor
±1%
DVDD / 4 monitor
±1%


Similar Part No. - ADS114S06BIRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IPBS TI1-ADS114S06IPBS Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IPBSR TI1-ADS114S06IPBSR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IRHBR TI1-ADS114S06IRHBR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IRHBT TI1-ADS114S06IRHBT Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
More results

Similar Description - ADS114S06BIRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com