Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS114S06BIRHBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS114S06BIRHBR
Description  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S06BIRHBR Datasheet(HTML) 1 Page - Texas Instruments

  ADS114S06BIRHBR Datasheet HTML 1Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 2Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 3Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 4Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 5Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 6Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 7Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 8Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
PGA
Input
Mux
Serial
Interface
and
Control
CS
DOUT/DRDY
SCLK
DRDY
START/SYNC
4.096-MHz
Oscillator
CLK
REFOUT
AINCOM
AIN0
AIN1
/ GPIO1
Power Supplies
Temperature
Sensor
ADS114S06B
ADS114S08B
DVDD
DGND
AIN2
AIN3
AIN4
AIN5
/ REFP1
/ REFN1
/ GPIO0
Excitation
Current
Sources
RESET
DIN
REFP0
REFCOM
/ GPIO3
/ GPIO2
AVSS
VBIAS
AVDD
Reference
Buffers
Reference
Mux
2.5-V
Reference
REFN0
ADS114S08B
Only
Burnout
Detect
Burnout
Detect
16-Bit û
ADC
Configurable
Digital
Filter
DVDD
IOVDD
System-, Self-
Calibration
AIN9
AIN6
AIN7
AIN8
AIN11
AIN10
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADS114S06B, ADS114S08B
SBAS852 – AUGUST 2017
ADS114S0xB Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel,
4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
1
1 Features
1
Low Power Consumption: As Low as 280 µA
Programmable Gain: 1 to 128
Programmable Data Rates: 2.5 SPS to 4 kSPS
Simultaneous 50-Hz and 60-Hz Rejection at
≤ 20 SPS With Low-Latency Digital Filter
Analog Multiplexer with 12 (ADS114S08B) or 6
(ADS114S06B) Independently Selectable Inputs
Dual-Matched Programmable Current Sources for
Sensor Excitation: 10 µA to 2000 µA
Internal Reference: 2.5 V, 8 ppm/°C (typ) Drift
Internal Oscillator: 4.096 MHz, 2% Accuracy
Internal Temperature Sensor
Self Offset and System Calibration
Four General-Purpose I/Os
SPI-Compatible Interface
Analog Supply: Unipolar (2.7 V to 5.25 V) or
Bipolar (±2.5 V)
Digital Supply: 2.7 V to 3.6 V
Operating Temperature: –40°C to +125°C
Pin-Compatible With the ADS114S0x
2 Applications
Sensor Transducers and Transmitters:
Temperature, Pressure, Strain, Flow
PLC and DCS Analog Input Modules
Temperature Controllers
Climate Chambers, Industrial Ovens
3 Description
The ADS114S06B and ADS114S08B are precision,
16-bit, delta-sigma (ΔΣ), analog-to-digital converters
(ADCs) that offer low power consumption and many
integrated features to reduce system cost and
component count in applications measuring small-
signal sensors.
These ADCs feature a digital filter that offers low-
latency conversion results and 50-Hz or 60-Hz
rejection for noisy industrial environments. A low-
noise, programmable gain amplifier (PGA) provides
gains ranging from 1 to 128 to amplify low-level
signals
for
resistive
bridge
or
thermocouple
applications. Additionally, these devices integrate a
low-drift, 2.5-V reference that reduces printed circuit
board
(PCB)
area.
Finally,
two
programmable
excitation current sources (IDACs) allow for easy and
accurate RTD biasing.
An input multiplexer supports 12 inputs for the
ADS114S08B and six inputs for the ADS114S06B
that can be connected to the ADC in any combination
for design flexibility. In addition, these devices include
features such as sensor burn-out detection, voltage
bias for thermocouples, system monitoring, and four
general-purpose I/Os.
The devices are offered in a leadless VQFN-32 or a
TQFP-32 package.
Device Information
ORDER NUMBER
PACKAGE (PIN)
BODY SIZE
ADS114S0xB
TQFP (32)
5.0 mm × 5.0 mm
VQFN (32)
5.0 mm × 5.0 mm
Functional Block Diagram


Similar Part No. - ADS114S06BIRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IPBS TI1-ADS114S06IPBS Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IPBSR TI1-ADS114S06IPBSR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IRHBR TI1-ADS114S06IRHBR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IRHBT TI1-ADS114S06IRHBT Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
More results

Similar Description - ADS114S06BIRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com