Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF82 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC38RF82
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC38RF82_17 Datasheet HTML 3Page - Texas Instruments DAC38RF82_17 Datasheet HTML 4Page - Texas Instruments DAC38RF82_17 Datasheet HTML 5Page - Texas Instruments DAC38RF82_17 Datasheet HTML 6Page - Texas Instruments DAC38RF82_17 Datasheet HTML 7Page - Texas Instruments DAC38RF82_17 Datasheet HTML 8Page - Texas Instruments DAC38RF82_17 Datasheet HTML 9Page - Texas Instruments DAC38RF82_17 Datasheet HTML 10Page - Texas Instruments DAC38RF82_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 140 page
background image
7
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to AGND or DGND.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage Range(2)
VDDDAC1, VDDDIG1, VDDL1_1, VDDL2_1,
VDDCLK1, VDDT1, VDDCLK1, VDDTX1, VDDE1
–0.3
1.3
V
VDDR18, VDDIO18, VDDS18, VDDAPLL18,
VDDAREF18, VDDAOUT18, VDDA18,
VDDAVCO18, VDDTX18
–0.3
2.45
V
VEE18N
–2
0.3
V
Voltage between AGND and DGND
–0.3
0.3
V
Pin Voltage Range(2)
RX[0..7]+/-
–0.5
VDDDIG1 + 0.5 V
V
SDEN, SCLK, SDIO, SDO, TXENABLE, ALARM,
RESET, SLEEP, TMS, TCLK, TDI, TDO, TRST,
TESTMODE, GPI0, GPI1, GPO0, GPO1
–0.5
VDDIO + 0.5 V
V
CLKOUT+/-
–0.5
VDDTX18 + 0.5 V
V
DACCLK+/-, SYSREF+/-, DACCLKSE
–0.5
VDDCLK1 + 0.5 V
V
SYNC0+/-, SYNC1+/-
–0.5
VDDS18 + 0.5 V
V
IOUT1+/-, IOUT2+/-
–0.5
VDDAOUT18 + 0.5 V
V
RBIAS, EXTIO, ATEST
–0.5
VDDAOUT18 + 0.5 V
V
IFORCE, VSENSE
–0.5
VDDDIG1 + 0.5 V
V
AMUX1, AMUX0
–0.5
VDDT1 + 0.5 V
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Junction temperature TJ
150
°C
Operating free-air temperature, TA
–40
85
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±250
(1)
Prolonged use at this junction temperature may increase the device failure-in-time (FIT) rate
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TJ
Recommended operating temperature
105
°C
Maximum rated operating junction temperature(1)
125
°C
TA
Recommended free-air temperature
–40
85
°C
Supply Voltage Range
VDDA18, VDDAPLL18, VDDS18,
VDDIO18, VDDR18, VDDAPLL18,
VDDOUT18, VDDAVCO18
1.71
1.8
1.89
V
VDDDIG1 VDDA1, VDDT1, VDDAPLL1,
VDDCLK1, VDDL1_1, VDDL2_1,
VDDTX1, VDDE1
0.95
1
1.05
VEE18N
–1.89
–1.8
–1.71


Similar Part No. - DAC38RF82_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF82IAAV TI1-DAC38RF82IAAV Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82IAAVR TI1-DAC38RF82IAAVR Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
More results

Similar Description - DAC38RF82_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
[Old version datasheet]   AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF52 TI-ADC32RF52 Datasheet
4Mb / 108P
[Old version datasheet]   ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com