Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5320ECD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC5320ECD
Description  3-kVRMS Single-Channel Isolated Gate Drivers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5320ECD Datasheet(HTML) 1 Page - Texas Instruments

  UCC5320ECD Datasheet HTML 1Page - Texas Instruments UCC5320ECD Datasheet HTML 2Page - Texas Instruments UCC5320ECD Datasheet HTML 3Page - Texas Instruments UCC5320ECD Datasheet HTML 4Page - Texas Instruments UCC5320ECD Datasheet HTML 5Page - Texas Instruments UCC5320ECD Datasheet HTML 6Page - Texas Instruments UCC5320ECD Datasheet HTML 7Page - Texas Instruments UCC5320ECD Datasheet HTML 8Page - Texas Instruments UCC5320ECD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
text
VCC2
UVLO,
Level
Shift
and
Control
Logic
VCC2
VOUTH
IN±
IN+
VOUTL
VCC1
VEE2
GND1
UVLO
and
Input
Logic
15 V
Rest of
Circuit
5 V
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UCC5310, UCC5320, UCC5350, UCC5390
SLLSER8B – JUNE 2017 – REVISED AUGUST 2017
UCC53x0 3-kVRMS Single-Channel Isolated Gate Drivers
1
1 Features
1
3-V to 15-V Input Supply Voltage
13.2-V to 33-V Output Driver Supply Voltage
Feature Options
Split Outputs (UCC5320S and UCC5390S)
UVLO With Respect to IGBT Emitter
(UCC5320E and UCC5390E)
Miller Clamp Option (UCC5310M and
UCC5350M)
Negative 5-V Handling Capability on Input Pins
60-ns (Typical) Propagation Delay for UCC5320S,
UCC5320E, and UCC5310M
65-ns (Typical) Propagation Delay for UCC5390S,
UCC5390E, and UCC5350M
100-kV/μs Minimum Common-Mode Transient
Immunity (CMTI)
Isolation Surge Withstand Voltage: 4242 VPK
Safety-Related Certifications:
4242-VPK Isolation per DIN V VDE V 0884-10
and DIN EN 61010-1 (Planned)
3000-VRMS Isolation for 1 Minute per UL 1577
(Planned)
CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 61010-1 End Equipment
Standards (Planned)
CQC Certification per GB4943.1-2011
(Planned)
4-kV ESD on All Pins
CMOS Inputs
8-pin Narrow Body SOIC Package
Operating Temperature: –40°C to +125°C
Ambient
2 Applications
Industrial Motor-Control Drives
Industrial Power Supplies
Solar Inverters
HEV and EV Power Modules
Induction Heating
3 Description
The UCC53x0 is a family of compact, single-channel,
isolated IGBT, SiC, and MOSFET gate drivers with
superior isolation ratings and variants for pinout
configuration, and drive strength.
The UCC53x0 is available in an 8-pin SOIC (D)
package.
This
package
has
a
creepage
and
clearance of 4 mm and can support isolation voltage
up to 3 kVRMS, which is good for applications where
basic isolation is needed. With these various options
and wide power range, the UCC53x0 family is a good
fit for motor drives and industrial power supplies.
The UCC53x0S option provides a split output that
can be used to control the rise and fall times of the
driver. The UCC53x0M option connects the gate of
the transistor to an internal clamp to prevent false
turnon caused by Miller current. The UCC53x0E
option has its UVLO2 referenced to GND2, which
facilitates bipolar supplies.
Unlike an optocoupler, the UCC53x0 family has lower
part-to-part skew, lower propagation delay, higher
operating temperature, and higher CMTI.
Device Information(1)
PART
NUMBER
MINIMUM
SOURCE AND
SINK CURRENT
DESCRIPTION
UCC5310M
2.4 A and 1.1 A
Miller clamp
UCC5320S
2.4 A and 2.2 A
Split output
UCC5320E
2.4 A and 2.2 A
UVLO with respect to IGBT
emitter
UCC5350M
5 A and 5 A
Miller clamp
UCC5390S
10 A and 10 A
Split output
UCC5390E
10 A and 10 A
UVLO with respect to IGBT
emitter
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) For a detailed comparison of devices, see the
Device Comparison Table
Functional Block Diagram (S Version)


Similar Part No. - UCC5320ECD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5320ECD TI1-UCC5320ECD Datasheet
1Mb / 46P
[Old version datasheet]   4.3-A, 3-kVRMS Isolated Single-Channel Gate Drivers
UCC5320ECD TI1-UCC5320ECD Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5320ECD TI1-UCC5320ECD Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5320ECD TI1-UCC5320ECD Datasheet
2Mb / 60P
[Old version datasheet]   UCC53x0 Single-Channel Isolated Gate Drivers
UCC5320ECDR TI1-UCC5320ECDR Datasheet
1Mb / 46P
[Old version datasheet]   4.3-A, 3-kVRMS Isolated Single-Channel Gate Drivers
More results

Similar Description - UCC5320ECD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5310 TI1-UCC5310 Datasheet
1Mb / 46P
[Old version datasheet]   4.3-A, 3-kVRMS Isolated Single-Channel Gate Drivers
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310_0018 TI1-UCC5310_0018 Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC23513 TI1-UCC23513 Datasheet
8Mb / 29P
[Old version datasheet]   3-A, 5-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC5350SB TI1-UCC5350SB Datasheet
726Kb / 35P
[Old version datasheet]   3-kVRMS Single-Channel Isolated Gate Driver with 8-V UVLO
UCC5310 TI1-UCC5310_V01 Datasheet
2Mb / 60P
[Old version datasheet]   UCC53x0 Single-Channel Isolated Gate Drivers
UCC23514 TI1-UCC23514 Datasheet
1Mb / 39P
[Old version datasheet]   UCC23514 4-A Source, 5-A Sink, 5.0-kVRMS Opto-Compatible Single Channel Isolated Gate Drivers
UCC23511 TI1-UCC23511 Datasheet
8Mb / 38P
[Old version datasheet]   UCC23511 1-A, 5.7-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com