Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5390SCDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC5390SCDR
Description  3-kVRMS Single-Channel Isolated Gate Drivers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5390SCDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC5390SCDR Datasheet HTML 5Page - Texas Instruments UCC5390SCDR Datasheet HTML 6Page - Texas Instruments UCC5390SCDR Datasheet HTML 7Page - Texas Instruments UCC5390SCDR Datasheet HTML 8Page - Texas Instruments UCC5390SCDR Datasheet HTML 9Page - Texas Instruments UCC5390SCDR Datasheet HTML 10Page - Texas Instruments UCC5390SCDR Datasheet HTML 11Page - Texas Instruments UCC5390SCDR Datasheet HTML 12Page - Texas Instruments UCC5390SCDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
9
UCC5310, UCC5320, UCC5350, UCC5390
www.ti.com
SLLSER8B – JUNE 2017 – REVISED AUGUST 2017
Product Folder Links: UCC5310 UCC5320 UCC5350 UCC5390
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.9 Electrical Characteristics
VCC1 = 3.3 V or 5 V, 0.1-µF capacitor from VCC1 to GND1, VCC2= 15 V, 1-µF capacitor from VCC2 to VEE2, TA = –40°C to
+125°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENTS
IVCC1
Input supply quiescent current
IN+ and IN- left floating
1.67
2.4
mA
IVCC2
Output supply quiescent
current
IN+ and IN- left floating
1.1
1.8
mA
SUPPLY VOLTAGE UNDERVOLTAGE THRESHOLDS
VIT+(UVLO1)
VCC1 Positive-going UVLO
threshold voltage
2.6
2.8
V
VIT– (UVLO1)
VCC1 Negative-going UVLO
threshold voltage
2.4
2.5
V
Vhys(UVLO1)
VCC1 UVLO threshold
hysteresis
0.1
V
VIT+(UVLO2)
VCC2 Positive-going UVLO
threshold voltage
12
13
V
VIT–(UVLO2)
VCC2 Negative-going UVLO
threshold voltage
10.3
11
V
Vhys(UVLO2)
VCC2 UVLO threshold voltage
hysteresis
1
V
LOGIC I/O
VIT+(IN)
Positive-going input threshold
voltage (IN+, IN–)
0.55 × VCC1 0.7 × VCC1
V
VIT–(IN)
Negative-going input threshold
voltage (IN+, IN–)
0.3 × VCC1 0.45 × VCC1
V
Vhys(IN)
Input hysteresis voltage (IN+,
IN–)
0.1 × VCC1
V
IIH
High-level input leakage at IN+ IN+ = VCC1
40
240
µA
IIL
Low-level input leakage at IN–
IN– = GND1
–240
–40
µA
IN– = GND1 – 5 V
–310
–80
GATE DRIVER STAGE
VOH
High-level output voltage
(OUT and OUTH)
IOUT = –20 mA
VCC2 – 0.1 VCC2 – 0.24
V
VOL
Low level output voltage (OUT
and OUTL)
UCC5320S and UCC5320E,
IN+ = low, IN– = high; IO = 20 mA
9.4
13
mV
UCC5310M,
IN+ = low, IN– = high; IO = 20 mA
17
26
UCC5390S and UCC5390E,
IN+ = low, IN– = high; IO = 20 mA
2
3
UCC5350M,
IN+ = low, IN– = high; IO = 20 mA
5
7
IOH
Peak source current
UCC5320S and UCC5320E,
IN+ = high, IN– = low
2.4
4.3
A
UCC5310M, IN+ = high, IN– = low
2.4
4.3
UCC5390S and UCC5390E,
IN+ = high, IN– = low
10
17
UCC5350M,
IN+ = high, IN– = low
5
10


Similar Part No. - UCC5390SCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5390SCDR TI1-UCC5390SCDR Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5390SCDR TI1-UCC5390SCDR Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5390SCDR TI1-UCC5390SCDR Datasheet
2Mb / 60P
[Old version datasheet]   UCC53x0 Single-Channel Isolated Gate Drivers
More results

Similar Description - UCC5390SCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5310 TI1-UCC5310 Datasheet
1Mb / 46P
[Old version datasheet]   4.3-A, 3-kVRMS Isolated Single-Channel Gate Drivers
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310_0018 TI1-UCC5310_0018 Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC23513 TI1-UCC23513 Datasheet
8Mb / 29P
[Old version datasheet]   3-A, 5-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC5350SB TI1-UCC5350SB Datasheet
726Kb / 35P
[Old version datasheet]   3-kVRMS Single-Channel Isolated Gate Driver with 8-V UVLO
UCC5310 TI1-UCC5310_V01 Datasheet
2Mb / 60P
[Old version datasheet]   UCC53x0 Single-Channel Isolated Gate Drivers
UCC23514 TI1-UCC23514 Datasheet
1Mb / 39P
[Old version datasheet]   UCC23514 4-A Source, 5-A Sink, 5.0-kVRMS Opto-Compatible Single Channel Isolated Gate Drivers
UCC23511 TI1-UCC23511 Datasheet
8Mb / 38P
[Old version datasheet]   UCC23511 1-A, 5.7-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com