Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB04 Datasheet(PDF) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTB04
Description  Triac in a TO-220 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTB04 Datasheet(HTML) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTB04 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB04 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB04 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB04 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB04 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB04 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTB04
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
5 / 6
印章说明 / Marking Instructions
说明:
BR
为公司代码
BTB04
: 
为产品型号
60T
: 为 VRRMIGT 分档代码
****:

为生产批号代码,随生产批号变化。
Note:
BR:


Company Code
BTB04:
Product Type.
60T:
VRRM、IGT Bracket code
****:

Lot No. Code, code change with Lot No.
BR
****
BTB04
60T


Similar Part No. - BTB04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB04 STMICROELECTRONICS-BTB04 Datasheet
69Kb / 5P
   SENSITIVE GATE TRIACS
BTB04 STMICROELECTRONICS-BTB04 Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
logo
JIEJIE MICROELECTRONICS...
BTB04 JIEJIE-BTB04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
logo
Continental Device Indi...
BTB04 CDIL-BTB04 Datasheet
77Kb / 2P
   Triac Series
More results

Similar Description - BTB04

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
   Triac in a TO-220 Plastic Package
BTB08 FOSHAN-BTB08 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB06 FOSHAN-BTB06 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB10 FOSHAN-BTB10 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BTB20 FOSHAN-BTB20 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BT134 FOSHAN-BT134 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BTB12 FOSHAN-BTB12 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB24 FOSHAN-BTB24 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BT138 FOSHAN-BT138 Datasheet
954Kb / 6P
   Triac in a TO-220 Plastic Package
BTB16 FOSHAN-BTB16 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com