Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1118T33LA Datasheet(PDF) 8 Page - Anachip Corp

Part # AP1118T33LA
Description  1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1118T33LA Datasheet(HTML) 8 Page - Anachip Corp

Back Button AP1118T33LA Datasheet HTML 2Page - Anachip Corp AP1118T33LA Datasheet HTML 3Page - Anachip Corp AP1118T33LA Datasheet HTML 4Page - Anachip Corp AP1118T33LA Datasheet HTML 5Page - Anachip Corp AP1118T33LA Datasheet HTML 6Page - Anachip Corp AP1118T33LA Datasheet HTML 7Page - Anachip Corp AP1118T33LA Datasheet HTML 8Page - Anachip Corp AP1118T33LA Datasheet HTML 9Page - Anachip Corp AP1118T33LA Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Feb. 15, 2005
8/10
(2) TO252-5
B
A
G
S
5.6
1.27
Land Pattern Recommendation (Unit: mm)
0.6
P(TYP.)
L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
6.35
6.60
6.85
0.250
0.260
0.270
B
5.20
5.35
5.50
0.205
0.211
0.217
C
6.80
7.00
7.30
0.268
0.276
0.287
D
2.20
2.50
2.80
0.087
0.098
0.110
P
1.27 REF.
0.050 REF.
S
0.50
0.65
0.80
0.020
0.026
0.031
G
0.40
0.50
0.63
0.016
0.020
0.025
H
2.20
2.30
2.40
0.087
0.091
0.094
J
0.45
0.52
0.58
0.018
0.020
0.023
K
0.00
0.08
0.15
0.000
0.003
0.006
L
0.90
1.20
1.63
0.035
0.047
0.064
M
5.40
5.80
6.20
0.213
0.228
0.244


Similar Part No. - AP1118T33LA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115 DIODES-AP1115 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115 DIODES-AP1115 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115-1.5 DIODES-AP1115-1.5 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1118T33LA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
GTM CORPORATION
G5M1119 GTM-G5M1119 Datasheet
249Kb / 4P
   0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
logo
Anachip Corp
AP1119 ANACHIP-AP1119 Datasheet
130Kb / 5P
   0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
SeCoS Halbleitertechnol...
S5J1118 SECOS-S5J1118 Datasheet
501Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com