Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603H222J1GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603H222J1GACTU
Description  Ceramic, 200C, 200C-(CxxxxH), 2200 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603H222J1GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603H222J1GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 8fc9f144-3bf5-4ca1-9efe-8feb8b94dba5
KEMET Part Number: C0603H222J1GACTU
(C0603H222J1GAC7867)
Ceramic, 200C, 200C-(CxxxxH), 2200 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: 200C-(CxxxxH)
Chip Size: 0603
Description: SMD, MLCC, High Temperature,
Ultra-Stable, Low Loss
Features: High Temp, Ultra-Stable, Low
Loss
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Specifications
Capacitance: 2200 pF
Capacitance Tolerance: 5%
Voltage DC: 100 VDC
Dielectric Withstanding
Voltage: 250 V
Temperature Range: -55/+200C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603H222J1GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603H102J1GACTU KEMET-C0603H102J1GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 1000 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0603H124B1GACT050 KEMET-C0603H124B1GACT050 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603H124B1GACT100 KEMET-C0603H124B1GACT100 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603H124B1GACT250 KEMET-C0603H124B1GACT250 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603H124B1GACT500 KEMET-C0603H124B1GACT500 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C0603H222J1GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805H222J1GACTU KEMET-C0805H222J1GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 2200 pF, 5%, 100 V, 0805, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0603H102J1GACTU KEMET-C0603H102J1GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 1000 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0603H472J1GACTU KEMET-C0603H472J1GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 4700 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0603H562J3GACTU KEMET-C0603H562J3GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 5600 pF, 5%, 25 V, 0603, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0805H102J1GACTU KEMET-C0805H102J1GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 1000 pF, 5%, 100 V, 0805, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0805H472J1GACTU KEMET-C0805H472J1GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 4700 pF, 5%, 100 V, 0805, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0402H101J5GACTU KEMET-C0402H101J5GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 100 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0402H220J3GACTU KEMET-C0402H220J3GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 22 pF, 5%, 25 V, 0402, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0402H102J5GACTU KEMET-C0402H102J5GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 1000 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0805H180J5GACTU KEMET-C0805H180J5GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 18 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com