Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21Q58 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS21Q58
Description  Dallas Semiconductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21Q58 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS21Q58 Datasheet HTML 1Page - Maxim Integrated Products DS21Q58 Datasheet HTML 2Page - Maxim Integrated Products DS21Q58 Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The calculated failure rate for this device/process is:
The parameters used to calculate this failure rate are as follows:
Cf: 60%
Ea: 0.7
B: 0
Tu: 25
Vu: 5.5
°C
Volts
The reliability data follows. A the start of this data is the device information. The next section is the
detailed reliability data for each stress. The reliability data section includes the latest data available.
Failure Rates are reported in FITs (Failures in Time) or MTTF (Mean Time To Failure). The FIT
rate is related to MTTF by:
MTTF = 1/Fr
NOTE: MTTF is frequently used interchangeably with MTBF.
FITS:
3.3
MTTF (YRS): 34521
FAILURE RATE:
Device Information:
Process:
E6H-2P2M,HPVt,TCZ ALOCOS:GOI
Number of Transistors:
1
Passivation:
Passivation w/OxyNitride-Nov. 4% PSG
Die Size:
416 x 405
Interconnect:
Aluminum / 1% Silicon / 0.5% Copper
Gate Oxide Thickness:
150 Å
ELECTRICAL CHARACTERIZATION
DESCRIPTION
READPOINT
CONDITION
QUANTITY
FAILS
DATE CODE
1
EOS/ESD S5.1 HBM 500 VOLTS
3
0
ESD SENSITIVITY
PUL'S
0418
1
EOS/ESD S5.1 HBM 1000 VOLTS
3
0
ESD SENSITIVITY
PUL'S
0418
1
EOS/ESD S5.1 HBM 2000 VOLTS
3
0
ESD SENSITIVITY
PUL'S
0418
1
EOS/ESD S5.1 HBM 4000 VOLTS
3
3
ESD SENSITIVITY
PUL'S
0418
1
EOS/ESD S5.1 HBM 8000 VOLTS
3
3
ESD SENSITIVITY
PUL'S
0418
JESD78, I-TEST 125C
6
0
LATCH-UP
0418
JESD78, Vsupply TEST 125C
6
0
LATCH-UP
0418
6
Total:
OPERATING LIFE
DESCRIPTION
READPOINT
CONDITION
QUANTITY
FAILS
DATE CODE
1000
125C, 6.0 VOLTS
80
0
HIGH VOLTAGE LIFE
HRS
0310
1000
125C, 5.25 VOLTS
77
0
HIGH TEMP OP LIFE
HRS
0332
1000
125C, 5.25 VOLTS
77
0
HIGH TEMP OP LIFE
HRS
0336
1000
125C, 3.5 VOLTS
45
0
HIGH TEMP OP LIFE
HRS
0402
192
125C, 5.0 VOLTS
77
0
HIGH TEMP OP LIFE
HRS
0418
0
Total:
FITS:
3.3
MTTF (YRS): 34521
FAILURE RATE:


Similar Part No. - DS21Q58

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21Q58 DALLAS-DS21Q58 Datasheet
647Kb / 74P
   E1 Quad Transceiver
DS21Q58L DALLAS-DS21Q58L Datasheet
647Kb / 74P
   E1 Quad Transceiver
DS21Q58LN DALLAS-DS21Q58LN Datasheet
647Kb / 74P
   E1 Quad Transceiver
More results

Similar Description - DS21Q58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS1208 ETC-DS1208 Datasheet
18Kb / 5P
   dallas semiconductor reliability report
logo
Maxim Integrated Produc...
DS1204 MAXIM-DS1204 Datasheet
22Kb / 6P
   Rev F1 Dallas Semiconductor
05/27/2004 Rev F1
logo
Golledge Electronics Lt...
GDX GOLLEDGE-GDX Datasheet
60Kb / 1P
   Crystals for Dallas Semiconductors
GDX-1 GOLLEDGE-GDX-1 Datasheet
530Kb / 4P
   Watch Crystal for Dallas Semiconductors
GDX-1 GOLLEDGE-GDX-1_16 Datasheet
109Kb / 1P
   Crystals for Dallas Semiconductors
logo
Bel Fuse Inc.
APC82235 BEL-APC82235 Datasheet
137Kb / 2P
   Slim Line Hybrid for Dallas E1
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com