Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1047 Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SD1047
Description  Silicon NPN transistor in a TO-3P Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SD1047 Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SD1047 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1047 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1047 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1047 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1047 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1047 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1047 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SD1047
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 7
电参数曲线图 / Electrical Characteristic Curve


Similar Part No. - 2SD1047

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
   POWER TRANSISTORS(12A,140V,100W)
logo
Wing Shing Computer Com...
2SD1047 WINGS-2SD1047 Datasheet
48Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Sanyo Semicon Device
2SD1047 SANYO-2SD1047 Datasheet
116Kb / 4P
   140V/12A, AF 60W Output Applications??????
logo
Savantic, Inc.
2SD1047 SAVANTIC-2SD1047 Datasheet
199Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1047 ISC-2SD1047 Datasheet
187Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1047

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BU508A FOSHAN-BU508A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-3P Plastic Package.
MJE13009X9 FOSHAN-MJE13009X9 Datasheet
880Kb / 6P
   Silicon NPN Transistor in a TO-3P Plastic Package
2SD2625V9 FOSHAN-2SD2625V9 Datasheet
879Kb / 6P
   Silicon NPN Transistor in a TO-3P Plastic Package
2SC3320 FOSHAN-2SC3320 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-3P Plastic Package.
NJW0281G FOSHAN-NJW0281G Datasheet
906Kb / 6P
   Silicon NPN transistor in a TO-3P Plastic Package.
2SC5198 FOSHAN-2SC5198 Datasheet
949Kb / 6P
   Silicon NPN transistor in a TO-3P Plastic Package.
2SD2625X9 FOSHAN-2SD2625X9 Datasheet
881Kb / 6P
   Silicon NPN Transistor in a TO-3P Plastic Package
2SD2625Z9 FOSHAN-2SD2625Z9 Datasheet
879Kb / 6P
   Silicon NPN Transistor in a TO-3P Plastic Package
MJE13007V9 FOSHAN-MJE13007V9 Datasheet
880Kb / 6P
   Silicon NPN Transistor in a TO-3P Plastic Package
2SC5244 FOSHAN-2SC5244 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-3P Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com