Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1857D Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SD1857D
Description  Silicon NPN transistor in a TO-252 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SD1857D Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SD1857D Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1857D Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1857D Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1857D Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1857D Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1857D Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SD1857D
Rev.E May.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-252 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-252 Plastic Package.

高击穿电压,低集电极输出电容,高转换频率。
High breakdown voltage ,Low collector output capacitance ,High transition frequency.
用于电源供应,继电器驱动,灯驱动和汽车线路。
Power supplies, relay drivers, lamp drivers, and automotive wiring.
PIN1
:Base
PIN 2,4
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
P
Q
R
hFE Range
82~180
120~270
180~390
3
2
1
4


Similar Part No. - 2SD1857D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1857 ROHM-2SD1857 Datasheet
43Kb / 1P
   Power Transistor
2SD1857 ROHM-2SD1857 Datasheet
80Kb / 4P
   Power Transistor (120V, 1.5A)
logo
Unisonic Technologies
2SD1857 UTC-2SD1857 Datasheet
35Kb / 2P
   POWER TRANSISTOR
logo
Rohm
2SD1857 ROHM-2SD1857 Datasheet
164Kb / 3P
   Power Transistor (120V, 2A)
logo
Unisonic Technologies
2SD1857 UTC-2SD1857 Datasheet
132Kb / 3P
   POWER TRANSISTOR
More results

Similar Description - 2SD1857D

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BLD128DD FOSHAN-BLD128DD Datasheet
705Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
MJE13003K4 FOSHAN-MJE13003K4 Datasheet
731Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
2SC4003 FOSHAN-2SC4003 Datasheet
960Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
MJD112 FOSHAN-MJD112 Datasheet
821Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
TIP122D FOSHAN-TIP122D Datasheet
799Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
2SC4793D FOSHAN-2SC4793D Datasheet
907Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
KTC2020D FOSHAN-KTC2020D Datasheet
911Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
MJD340 FOSHAN-MJD340 Datasheet
794Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
2SD1803 FOSHAN-2SD1803 Datasheet
1,020Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
2SD1899 FOSHAN-2SD1899 Datasheet
930Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
2SD2118 FOSHAN-2SD2118 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com