Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR0603 Datasheet(PDF) 2 Page - Riedon Powertron

Part # CHR0603
Description  Non-magnetic Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CHR0603 Datasheet(HTML) 2 Page - Riedon Powertron

  CHR0603 Datasheet HTML 1Page - Riedon Powertron CHR0603 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
5/16
SPECIFICATIONS (continued)
Long Term Stability
Max ∆R
<10Ω
10Ω - 10M
Storage 125°C / 1000h
±1%
±0.5%
Storage 155°C / 1000h
±2%
±1%
Load Life / P=70% / 70°C / 1000h
±1%
±0.5%
Short term overload
±0.5%
±0.25%
Humidity / 96%RH / 40°C / 56 days
±1%
±0.5%
RoHS Compliant Exemption
This part is RoHS complian with exemption 7(c)-I, as authorized by 2011/b5/EU.
Packaging:
Bulk or Blistertape to IEC 60286-3
Tape width 8mm / Reel Diameter 180 or 330mm
Minimum quantity Bulk / 100 pieces per value
Minimum quantity Tape & Reel / 500 pieces per value
(Note: Except size 0402 / 1000 pieces per value)
CHR Series
Non-magnetic Chip Resistors
Type
Dimensions
L
B
D
C
CHR 0402 /
CHR 0402H
0.95 +0.10 / 0.05
0.48 +0.10 / -0.05
0.28 +0.1 / -0.05
0.1 +0.1 / -0.05
CHR 0603 /
CHR 0603H
1.5 +0.15 / -0.05
0.8 +0.15 / -0.05
0.4 +0.15 / -0.05
0.2 +0.2 / -0.1
CHR 0805 /
CHR 0805H
2.0 +0.15 / -0.05
1.25 +0.15 / -0.05
0.4 +0.15 / -0.05
0.3 +0.2 / -0.1
CHR 1206 /
CHR 1206H
3.2 +0.15 / -0.05
1.5 +0.2 / -0.05
0.4 +0.15 / -0.05
0.3 +0.2 / -0.1
CHR 2010 /
CHR 2010H
5.1 +0.15 / -0.05
2.5 +0.2 / -0.05
0.6 +0.20 / -0.1
1.2 ±0.2
CHR 2512 /
CHR 2512H
6.3 +0.15 / -0.05
3.5 +0.2 / -0.05
0.6 +0.15 / -0.05
0.9 ±0.2
CHR 4020 /
CHR 4020H
10.2 +0.15 / -0.05
5.1 +0.2 / -0.05
0.6 +0.15 / -0.05
0.9 ±0.2
Ordering Information
Standard Part Description: Part Type - Resistance - Tolerance - TCR
Example: CHR 0603 10 kOhms 5% 50ppm
( Note: if no TCR is specified, the highest value will be supplied )
High Temperature Part Description (H): Part Type H - Resistance - Tolerance - TCR
Example: CHR 0805H 50 kOhms 10% 50ppm
( Note: if no TCR is specified, the highest value will be supplied )
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve


Similar Part No. - CHR0603

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CHR0603 RIEDON-CHR0603 Datasheet
273Kb / 2P
   Non-magnetic Chip Resistors
CHR0603 RIEDON-CHR0603 Datasheet
172Kb / 2P
   Non-magnetic Chip Resistors
CHR0603 RIEDON-CHR0603 Datasheet
142Kb / 2P
   Non-magnetic Chip Resistors
CHR0603 RIEDON-CHR0603 Datasheet
142Kb / 2P
   CHR Series
CHR060310KOHMS RIEDON-CHR060310KOHMS Datasheet
273Kb / 2P
   Non-magnetic Chip Resistors
More results

Similar Description - CHR0603

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CHR2512H-100KJ8 RIEDON-CHR2512H-100KJ8 Datasheet
142Kb / 2P
   Non-magnetic Chip Resistors
CHR0402 RIEDON-CHR0402_13 Datasheet
172Kb / 2P
   Non-magnetic Chip Resistors
CHR0805H-1MJ8 RIEDON-CHR0805H-1MJ8 Datasheet
142Kb / 2P
   Non-magnetic Chip Resistors
CHR0402 RIEDON-CHR0402 Datasheet
273Kb / 2P
   Non-magnetic Chip Resistors
CHR RIEDON-CHR Datasheet
142Kb / 2P
   Non-magnetic Chip Resistors
logo
Vishay Siliconix
RCWPNM VISHAY-RCWPNM Datasheet
102Kb / 4P
   Thick Film Chip Resistors, Non-Magnetic, Industrial
Revision: 23-Feb-15
MRA VISHAY-MRA Datasheet
82Kb / 3P
   Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
Revision: 02-May-12
CMFNON-MAGNETIC VISHAY-CMFNON-MAGNETIC Datasheet
151Kb / 5P
   Metal Film Resistors, Non-Magnetic, Industrial, Precision
Revision: 23-Apr-14
logo
Panasonic Semiconductor
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com