Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K1208U0A-YCB0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K9K1208U0A-YCB0
Description  64M x 8 Bit NAND Flash Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1208U0A-YCB0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K9K1208U0A-YCB0 Datasheet HTML 2Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 3Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 4Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 5Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 6Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 7Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 8Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 9Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
K9K1208U0A-YCB0, K9K1208U0A-YIB0
FLASH MEMORY
6
DC AND OPERATING CHARACTERISTICS(Recommended operating conditions otherwise noted.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating
Current
Sequential Read
ICC1
tRC=60ns, CE=VIL, IOUT=0mA
-
10
20
mA
Program
ICC2
-
-
15
25
Erase
ICC3
-
-
15
25
Stand-by Current(TTL)
ISB1
CE=VIH, WP=0V/VCC
-
-
1
Stand-by Current(CMOS)
ISB2
CE=VCC-0.2, WP=0V/VCC
-
10
50
µA
Input Leakage Current
ILI
VIN=0 to 3.6V
-
-
±10
Output Leakage Current
ILO
VOUT=0 to 3.6V
-
-
±10
Input High Voltage
VIH
-
2.0
-
VCC+0.3
V
Input Low Voltage, All inputs
VIL
-
-0.3
-
0.8
Output High Voltage Level
VOH
IOH=-400
µA
2.4
-
-
Output Low Voltage Level
VOL
IOL=2.1mA
-
-
0.4
Output Low Current(R/B)
IOL(R/B)
VOL=0.4V
8
10
-
mA
RECOMMENDED OPERATING CONDITIONS
(Voltage reference to GND, K9K1208U0A-YCB0
:TA=0 to 70
°C, K9K1208U0A-YIB0:TA=-40 to 85°C)
Parameter
Symbol
Min
Typ.
Max
Unit
Supply Voltage
VCC
2.7
3.3
3.6
V
Supply Voltage
VSS
0
0
0
V
ABSOLUTE MAXIMUM RATINGS
NOTE :
1. Minimum DC voltage is -0.3V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <30ns.
Maximum DC voltage on input/output pins is VCC,+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN
-0.6 to + 4.6
V
VCC
-0.6 to + 4.6
Temperature Under Bias
K9K1208U0A-YCB0
TBIAS
-10 to +125
°C
K9K1208U0A-YIB0
-40 to +125
Storage Temperature
TSTG
-65 to +150
°C


Similar Part No. - K9K1208U0A-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
More results

Similar Description - K9K1208U0A-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com