Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA838 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA838 Datasheet HTML 6Page - Texas Instruments OPA838 Datasheet HTML 7Page - Texas Instruments OPA838 Datasheet HTML 8Page - Texas Instruments OPA838 Datasheet HTML 9Page - Texas Instruments OPA838 Datasheet HTML 10Page - Texas Instruments OPA838 Datasheet HTML 11Page - Texas Instruments OPA838 Datasheet HTML 12Page - Texas Instruments OPA838 Datasheet HTML 13Page - Texas Instruments OPA838 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Time (nsec)
50
250
450
650
850
1050
1250
1450
-5
-4
-3
-2
-1
0
1
2
3
4
5
D011
VIN u 10 gain
VOUT (AV = 10)
VIN u 6 gain
VOUT (AV = 6)
Time (nsec)
50
250
450
650
850
1050
1250
1450
-5
-4
-3
-2
-1
0
1
2
3
4
5
D012
VIN u 10 gain
VOUT (AV = 10)
VIN u 6 gain
VOUT (AV = 6)
Time from Input Step (nsec)
0
10
20
30
40
50
60
70
80
90
100
-0.012
-0.01
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
AV = 6, 500-mV Step, TR = 3 ns
AV = 6, 2-V Step, TR = 12 ns
AV = 10, 500-mV Step, TR = 3 ns
AV = 10, 2-V Step, TR = 12 ns
Time from Input Step (nsec)
0
20
40
60
80
100
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
AV = 6, 500-mV Step, TR = 3 ns
AV = 6 , 2-V Step, TR = 12 ns
AV = 10 , 500-mV Step, TR = 3 ns
AV = 10 , 2-V Step, TR = 12 ns
Time (nsec)
20
70
120
170
220
260
-2.25
-1.75
-1.25
-0.75
-0.25
0.25
0.75
1.25
1.75
2.25
VO = r0.25 V
VO = r0.5 V
VO = r1 V
VO = r2 V
Time (nsec)
20
70
120
170
220
260
-2.25
-1.75
-1.25
-0.75
-0.25
0.25
0.75
1.25
1.75
2.25
VO = r0.25 V
VO = r0.50 V
VO = r1 V
VO = r2 V
10
OPA838
SBOS867 – AUGUST 2017
www.ti.com
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics: VS = 5 V (continued)
VS+ = 5 V, VS– = 0 V, RF = 1 kΩ, RG = 200 Ω, RL = 2 kΩ, G = 6 V/V, input and output referenced to midsupply, TA ≈ 25°C
(unless otherwise noted)
See Figure 74; gain of 6 V/V
Figure 7. Noninverting Step Response vs VOPP
See Figure 75; gain of –6 V/V
Figure 8. Inverting Step Response vs VOPP
See Figure 74 and Table 1
Figure 9. Simulated Noninverting Settling Time
See Figure 75 and Table 2
Figure 10. Simulated Inverting Settling Time
See Figure 74 and Table 1
Figure 11. Noninverting Overdrive Recovery
See Figure 75 and Table 2
Figure 12. Inverting Overdrive Recovery


Similar Part No. - OPA838

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
567Kb / 21P
[Old version datasheet]   50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
More results

Similar Description - OPA838

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001 Datasheet
553Kb / 24P
   1 MHz Bandwidth Low Power Op Amp
2003
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com