Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POPA189ID Datasheet(PDF) 10 Page - Texas Instruments

Part # POPA189ID
Description  Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

POPA189ID Datasheet(HTML) 10 Page - Texas Instruments

Back Button POPA189ID Datasheet HTML 6Page - Texas Instruments POPA189ID Datasheet HTML 7Page - Texas Instruments POPA189ID Datasheet HTML 8Page - Texas Instruments POPA189ID Datasheet HTML 9Page - Texas Instruments POPA189ID Datasheet HTML 10Page - Texas Instruments POPA189ID Datasheet HTML 11Page - Texas Instruments POPA189ID Datasheet HTML 12Page - Texas Instruments POPA189ID Datasheet HTML 13Page - Texas Instruments POPA189ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
OPA189, OPA2189, OPA4189
SBOS830 – JUNE 2017
www.ti.com
Product Folder Links: OPA189 OPA2189 OPA4189
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwith Product
AV = 1000
14
MHz
UGB
Unity-gain Bandwith
AV = 1
9
SR
Slew rate
G = 1, 10-V step
20
V/µs
THD+N
Total harmonic distortion +
noise
G = 1, f = 1 kHz, VO = 3.5 VRMS
0.0001%
tS
Settling time
To 0.1%
VS = ±18 V, G = 1,
10-V step
0.5
µs
To 0.01%
VS = ±18 V, G = 1,
10-V step
1.5
tOR
Overload recovery time
VIN × G = VS
400
ns
OUTPUT
VO
Voltage output swing from
rail
Positive rail
No load
5
15
mV
RLOAD = 10 kΩ
20
110
RLOAD = 2 kΩ
80
500
Negative rail
No load
5
15
RLOAD = 10 kΩ
20
110
RLOAD = 2 kΩ
80
500
TA = –40°C to 125°C, both rails, RLOAD = 10 kΩ
20
110
ISC
Short-circuit current
±65
mA
CLOAD
Capacitive load drive
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A
100
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = ±2.25 V (VS = 4.5 V)
IO = 0 A
1.3
1.7
mA
TA = –40°C to 125°C
IO = 0 A
1.3
1.8
VS = ±18 V (VS = 36 V)
IO = 0 A
1.3
1.7
TA = –40°C to 125°C
IO = 0 A
1.3
1.8
TEMPERATURE
TA
Specified range
–40
125
°C
VS
Specified supply voltage
range
4.5 (±2.25)
36 (±18)
V


Similar Part No. - POPA189ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
POPA189ID TI1-POPA189ID Datasheet
699Kb / 34P
[Old version datasheet]   Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
More results

Similar Description - POPA189ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA189 TI1-OPA189 Datasheet
699Kb / 34P
[Old version datasheet]   Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_19 Datasheet
3Mb / 48P
[Old version datasheet]   Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_18 Datasheet
2Mb / 44P
[Old version datasheet]   Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_V01 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI-OPA189_V04 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OCTOBER 2021
OPA189 TI-OPA189_V03 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189 TI-OPA189_V02 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com