Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G38DBVRE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G38DBVRE4
Description  Single 2-Input NAND Gate With Open-Drain Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G38DBVRE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G38DBVRE4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G38DBVRE4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G38DBVRE4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G38DBVRE4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G38DBVRE4 Datasheet HTML 11Page - Texas Instruments SN74LVC1G38DBVRE4 Datasheet HTML 12Page - Texas Instruments SN74LVC1G38DBVRE4 Datasheet HTML 13Page - Texas Instruments SN74LVC1G38DBVRE4 Datasheet HTML 14Page - Texas Instruments SN74LVC1G38DBVRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
GND
Logic
Input
Output
VCC
Device
-IIK
-IOK
11
SN74LVC1G38
www.ti.com
SCES538E – JANUARY 2004 – REVISED AUGUST 2017
Product Folder Links: SN74LVC1G38
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Clamp Diodes
The inputs and outputs to this device have negative clamping diodes.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can
cause damage to the device. The input negative-voltage and output voltage ratings
may be exceeded if the input and output clamp-current ratings are observed.
Figure 5. Electrical Placement of Clamping Diodes for Each Input and Output
8.3.4 Partial Power Down (Ioff)
The inputs and outputs for this device enter a high impedance state when the supply voltage is 0 V. The
maximum leakage into or out of any input or output pin on the device is specified by Ioff in the .
8.3.5 Over-Voltage Tolerant Inputs
Input signals to this device can be driven above the supply voltage so long as they remain below the maximum
input voltage value specified in the Absolute Maximum Ratings.
8.3.6 Up Translation and Down Translation Capable Outputs
Outputs of this device can be driven above the supply voltage so long as they remain below the maximum output
voltage value specified in the Absolute Maximum Ratings. When the device is not actively driving LOW, the
output is in the high impedance state. If a pull-up resistor is connected from the output to a power supply (of any
valid value), the output will be driven by this supply, and therefore can have a voltage that is either higher or
lower than the VCC supply of the device. An application of this device performing up-translation is depicted in
Application and Implementation, where additional design details are provided.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC1G38 device.
Table 1. Function Table
INPUTS
OUTPUT
Y
A
B
L
L
Hi-Z
L
H
Hi-Z
H
L
Hi-Z
H
H
L


Similar Part No. - SN74LVC1G38DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38DBVRE4 TI1-SN74LVC1G38DBVRE4 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38DBVRE4 TI1-SN74LVC1G38DBVRE4 Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38DBVRE4 TI1-SN74LVC1G38DBVRE4 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
More results

Similar Description - SN74LVC1G38DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38_017 TI1-SN74LVC1G38_017 Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com