Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G38DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G38DBVT
Description  Single 2-Input NAND Gate With Open-Drain Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G38DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G38DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G38DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G38DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G38DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G38DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G38DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G38DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G38DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G38DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1
2
C
B
A
Not to scale
GND
Y
B
A
VCC
Y
VCC
B
A
GND
B
NC
A
6
5
4
2
3
GND
Y
V CC
1
6
5
4
2
3
1
B
A
GND
NC
Y
V
CC
3
2
4
5
1
A
VCC
Y
B
GND
3
2
4
5
1
A
VCC
Y
B
GND
3
SN74LVC1G38
www.ti.com
SCES538E – JANUARY 2004 – REVISED AUGUST 2017
Product Folder Links: SN74LVC1G38
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
DCK Package
5-Pin SC70
Top View
DRY Package
6-Pin SON
Top View
NC – No internal connection.
DSF Package
6-Pin SON
Top View
YZP Package
5-Pin DSBGA
Bottom View
See mechanical drawings for dimensions
DPW Package(1)
5-Pin X2SON
Top View
(1)
Preview only
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DBV,
DCK,
DPW
DRY,
DSF
YZP
A
1
1, 5
A1
I
Logic Input A
B
2
2
B1
I
Logic Input B
GND
3
3
C1
Ground
NC
5
No Internal Connection
Y
4
4
C2
O
Output Y
VCC
5
6
A2
Positive Supply


Similar Part No. - SN74LVC1G38DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38DBVT TI-SN74LVC1G38DBVT Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
SN74LVC1G38DBVT TI1-SN74LVC1G38DBVT Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38DBVT TI1-SN74LVC1G38DBVT Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38DBVT TI1-SN74LVC1G38DBVT Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38DBVTG4 TI1-SN74LVC1G38DBVTG4 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
More results

Similar Description - SN74LVC1G38DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38_017 TI1-SN74LVC1G38_017 Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com