Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF6V0TF Datasheet(PDF) 5 Page - Rohm

Part # SMF6V0TF
Description  Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMF6V0TF Datasheet(HTML) 5 Page - Rohm

  SMF6V0TF Datasheet HTML 1Page - Rohm SMF6V0TF Datasheet HTML 2Page - Rohm SMF6V0TF Datasheet HTML 3Page - Rohm SMF6V0TF Datasheet HTML 4Page - Rohm SMF6V0TF Datasheet HTML 5Page - Rohm SMF6V0TF Datasheet HTML 6Page - Rohm SMF6V0TF Datasheet HTML 7Page - Rohm SMF6V0TF Datasheet HTML 8Page - Rohm SMF6V0TF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMF7V5TF
                                    Data sheet
Appended figure
Procedure to obtain ESD Clampimg Voltage
IEC61000-4-2 Spec
IEC61000-4-2 Waveform
CS:150pF Rd:330Ω
simplified diagram in ESD machine
1. Set up ESD Tester at IEC61000-4-2 condition.
(IEC61000-4-2 C=150pF, R=330Ω)
2. Mount a sample on the high frequency test board
with the SMA connector.
3. Connect the SMA connector to the oscilloscope
by 50Ωcable.
Then, add the 10X-attenuator between test board
and the cable to protect the oscilloscope.
4. Discharge ESD in contact discharge mode at any voltage.
(normally 8kV Max.)
                                                                                         
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
5/6
     
2017/04/06_Rev.002


Similar Part No. - SMF6V0TF

ManufacturerPart #DatasheetDescription
logo
Rohm
SMF6V0TF ROHM-SMF6V0TF Datasheet
1Mb / 10P
   Transient Voltage Suppressor
SMF6V0TF ROHM-SMF6V0TF Datasheet
1Mb / 10P
   Transient Voltage Suppressor
SMF6V0TF ROHM-SMF6V0TF Datasheet
1Mb / 10P
   Transient Voltage Suppressor
SMF6V0TF ROHM-SMF6V0TF Datasheet
1Mb / 10P
   Transient Voltage Suppressor
SMF6V0TF ROHM-SMF6V0TF Datasheet
1Mb / 10P
   Transient Voltage Suppressor
More results

Similar Description - SMF6V0TF

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com