Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP127D Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # TIP127D
Description  Silicon PNP transistor in a TO-252 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP127D Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP127D Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127D Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127D Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127D Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127D Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127D Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP127D
Rev.E May.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-252 塑封封装 PNP 半导体三极管。Silicon PNP transistor in a TO-252 Plastic Package.

与 TIP122D 互补。
Complement to TIP122D.

用于中功率线性开关放大。
Medium power linear switching applications.

PIN1
:Base
PIN 2,4
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1
4


Similar Part No. - TIP127D

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
TIP127 NJSEMI-TIP127 Datasheet
100Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
logo
Mospec Semiconductor
TIP127 MOSPEC-TIP127 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
First Silicon Co., Ltd
TIP127 FS-TIP127 Datasheet
108Kb / 2P
   Darlington TRANSISTOR (NPN)
logo
Diotec Semiconductor
TIP127 DIOTEC-TIP127 Datasheet
110Kb / 2P
   Si-Epitaxial Planar Darlington Power Transistors
logo
Weitron Technology
TIP127 WEITRON-TIP127 Datasheet
768Kb / 3P
   PNP/NPN Silicon Power Transistor
More results

Similar Description - TIP127D

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SB1204 FOSHAN-2SB1204 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD32C FOSHAN-MJD32C Datasheet
765Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SB1203 FOSHAN-2SB1203 Datasheet
838Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SA1700 FOSHAN-2SA1700 Datasheet
1,020Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD253 FOSHAN-MJD253 Datasheet
952Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SB772D FOSHAN-2SB772D Datasheet
949Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SB1184 FOSHAN-2SB1184 Datasheet
730Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD117 FOSHAN-MJD117 Datasheet
793Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD42C FOSHAN-MJD42C Datasheet
828Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD350 FOSHAN-MJD350 Datasheet
814Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com