Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB095N10KRL3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTB095N10KRL3
Description  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB095N10KRL3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTB095N10KRL3_17 Datasheet HTML 1Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 2Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 3Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 4Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 5Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 6Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 7Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 8Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C714L3
Issued Date : 2017.06.19
Revised Date : 2017.07.20
Page No. : 2/9
MTB095N10KRL3
Preliminary
CYStek Product Specification
Absolute Maximum Ratings (TC=25
°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
100
Gate-Source Voltage
VGS
±
20
V
Continuous Drain Current @ TA=25
°C, VGS=10V
3.3
Continuous Drain Current @ TA=70
°C, VGS=10V
ID
2.6
Pulsed Drain Current *1
IDM
16
Avalanche Current @ L=0.1mH
IAS
6
A
Avalanche Energy @ L=1mH, ID=6A, VDD=50V *2
EAS
18
Repetitive Avalanche Energy @ L=0.05mH
EAR
0.625
mJ
Total Power Dissipation @TA=25℃
2.5
Total Power Dissipation @TA=70℃
PD
1.6
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Note : *1
. Pulse width limited by maximum junction temperature
*2. Guaranteed by design, not by 100% test.
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
18.5
Thermal Resistance, Junction-to-ambient, max
RθJA
50 (Note)
°C/W
Note : When mounted on a 1 in
2 pad of 2 oz. copper.
Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
100
-
-
VGS=0V, ID=250μA
VGS(th)
1.2
-
2.6
V
VDS =VGS, ID=250μA
GFS *1
-
2.9
-
S
VDS =10V, ID=1A
IGSS
-
-
±
10
VGS=±16V, VDS=0V
-
-
1
VDS =80V, VGS =0V
IDSS
-
-
25
μA
VDS =80V, VGS =0V, Tj=125
°C
-
107
140
VGS =10V, ID=2A
RDS(ON) *1
-
127
180
VGS =4.5V, ID=2A
Dynamic
Qg *1, 2
-
6.7
10
Qgs *1, 2
-
1.1
1.7
Qgd *1, 2
-
1.6
2.4
nC
VDS=80V, VGS=10V, ID=2A
td(ON) *1, 2
-
5.2
7.8
tr
*1, 2
-
16.6
24.9
td(OFF) *1, 2
-
17
25.5
tf *1, 2
-
5.2
7.8
ns
VDS=50V, ID=2A, VGS=10V, RG=1Ω


Similar Part No. - MTB095N10KRL3_17

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
413Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - MTB095N10KRL3_17

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com