Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62585 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62585
Description  3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62585 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV62585 Datasheet HTML 7Page - Texas Instruments TLV62585 Datasheet HTML 8Page - Texas Instruments TLV62585 Datasheet HTML 9Page - Texas Instruments TLV62585 Datasheet HTML 10Page - Texas Instruments TLV62585 Datasheet HTML 11Page - Texas Instruments TLV62585 Datasheet HTML 12Page - Texas Instruments TLV62585 Datasheet HTML 13Page - Texas Instruments TLV62585 Datasheet HTML 14Page - Texas Instruments TLV62585 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Load (A)
0.5
1
1.5
2
2.5
3
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D009
VOUT = 1.8 V
VOUT = 3.3 V
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-1.0
-0.5
0.0
0.5
1.0
D010
IOUT = 0.5A
IOUT = 1.0A
IOUT = 3.0A
Load (A)
60
65
70
75
80
85
90
95
100
1m
10m
100m
1
3
D006
VIN = 3.3V
VIN = 5.0V
Load (A)
60
65
70
75
80
85
90
95
100
1m
10m
100m
1
3
D007
VIN = 5 V
Load (A)
60
65
70
75
80
85
90
95
100
1m
10m
100m
1
3
D004
VIN = 2.5V
VIN = 3.3V
VIN = 5.0V
Load (A)
60
65
70
75
80
85
90
95
100
1m
10m
100m
1
3
D005
VIN = 2.5V
VIN = 3.3V
VIN = 5.0V
11
TLV62585
www.ti.com
SLVSDE5A – JULY 2017 – REVISED AUGUST 2017
Product Folder Links: TLV62585
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.3 Application Curves
VIN = 5.0 V, VOUT = 1.8 V, TA = 25 ºC, unless otherwise noted.
VOUT = 1.2 V
Figure 5. Efficiency
VOUT = 1.8 V
Figure 6. Efficiency
VOUT = 2.5 V
Figure 7. Efficiency
VOUT = 3.3 V
Figure 8. Efficiency
VIN = 5 V
Figure 9. Load Regulation
VOUT = 1.8 V
Figure 10. Line Regulation


Similar Part No. - TLV62585

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62585 TI1-TLV62585 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585 TI1-TLV62585 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
TLV62585DRL TI1-TLV62585DRL Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
TLV62585DRLR TI1-TLV62585DRLR Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585DRLR TI1-TLV62585DRLR Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
More results

Similar Description - TLV62585

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585_018 TI1-TLV62585_018 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS61170 TI-TPS61170_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS61170 1.2-A High-Voltage Boost Converter in 2-mm x 2-mm2 QFN Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com