Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E001DRYRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E001DRYRG4
Description  Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E001DRYRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPD2E001DRYRG4 Datasheet HTML 1Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 2Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 3Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 4Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 5Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 6Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 7Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 8Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
TPD2E001
SLLS684I – JULY 2006 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPD2E001
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute-maximum-rating conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Power pin voltage
–0.3
7
V
VIO
IO pin voltage
–0.3
VCC + 0.3
V
TJ
Junction temperature
150
°C
Bump temperature (soldering)
Infrared (15 s)
220
°C
Vapor phase (60 s)
215
Lead temperature (soldering, 10 s)
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±15000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
pins(2)
±1000
6.3 ESD Ratings: Surge Protection
VALUE
UNIT
V(ESD)
Electrostatic
discharge
IEC 61000-4-2 contact
±8000
V
IEC 61000-4-2 air-gap discharge
±15000
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TA, operating free-air temperature
–40
85
°C
Operating voltage
VCC pin
0.9
5.5
V
IO1, IO2 pins
0
VCC
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Thermal Information
THERMAL METRIC(1)
TPD2E001
UNIT
DRY (USON)
DRL (SOT)
DRS (WSON)
DZD (SOP)
5 PINS
5 PINS
6 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
374.2
257.6
91.9
213.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
223.4
97.6
106.9
93.5
°C/W
RθJB
Junction-to-board thermal resistance
227.8
74.2
64.8
56.8
°C/W
ψJT
Junction-to-top characterization parameter
52.9
7.5
10.2
4.2
°C/W
ψJB
Junction-to-board characterization parameter
224.8
73.7
64.9
56.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
87.5
N/A
29.9
N/A
°C/W


Similar Part No. - TPD2E001DRYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001DRYRG4 TI-TPD2E001DRYRG4 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRYRG4 TI-TPD2E001DRYRG4 Datasheet
1Mb / 19P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRYRG4 TI1-TPD2E001DRYRG4 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

Similar Description - TPD2E001DRYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
logo
TECH PUBLIC Electronics...
TPESD2102X5 TECHPUBLIC-TPESD2102X5 Datasheet
1Mb / 5P
   Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
TPD2E001DRLR TECHPUBLIC-TPD2E001DRLR Datasheet
2Mb / 5P
   Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
logo
AMAZING Microelectronic...
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com