Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650932ZAJR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS650932ZAJR
Description  Simple and Flexible Wide Input Voltage PMIC for Computing
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650932ZAJR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS650932ZAJR Datasheet HTML 4Page - Texas Instruments TPS650932ZAJR Datasheet HTML 5Page - Texas Instruments TPS650932ZAJR Datasheet HTML 6Page - Texas Instruments TPS650932ZAJR Datasheet HTML 7Page - Texas Instruments TPS650932ZAJR Datasheet HTML 8Page - Texas Instruments TPS650932ZAJR Datasheet HTML 9Page - Texas Instruments TPS650932ZAJR Datasheet HTML 10Page - Texas Instruments TPS650932ZAJR Datasheet HTML 11Page - Texas Instruments TPS650932ZAJR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 121 page
background image
8
TPS650932
SLVSE36 – AUGUST 2017
www.ti.com
Submit Documentation Feedback
Pin Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
Pin Attributes—ZAJ Package (continued)
PIN
I/O
TYPE(1)
DESCRIPTION
NO.
NAME
G2
BAT2SWON
O
D
Battery 2 switch-on power path. This pin is an open-drain output and is active low.
G3
VDCSNS
I
AS
VDC voltage monitor
G4
FBVR5P
I
AS
VR5 positive-feedback remote sense. Connect this pin to the output voltage of VR5 at
the output-load capacitor.
G5
AGND
A
Analog ground. Tie this pin directly to the ground plane.
G6
AGND
A
Analog ground. Tie this pin directly to the ground plane.
G7
AGND
A
Analog ground. Tie this pin directly to the ground plane.
G8
AGND
A
Analog ground. Tie this pin directly to the ground plane.
G9
VINVR3
I
AS
VR3 input-voltage sense and high-side current-sense. Kelvin connect this pin to the
drain of high-side FET.
G10
FBVR2P
I
AS
VR2 positive-feedback remote sense. Connect this pin to the output voltage of VR2 at
the output-load capacitor.
G11
ALL_SYS_PWRGD
O
D
Non-core rails power-good pin. Power-good pin for all PMIC and specified monitored
VRs. This pin is an open-drain output.
G12
PGNDVR2
VR
VR2 power ground
G13
PGNDVR2
VR
VR2 power ground
H1
SDA
I/O
D
I2C data
H2
PWRBTNIN
I
AS
Power-button input (internal pullup to LDO3V). This pin is active low.
H3
VCCIO_ENOUT
O
D
Qualified enable for VCCIO rail.
H4
V5ADS3_ENOUT
O
D
Power-good comparator F output for V18S or V33A_PCH and enable to the PoL load
switch or regulator (push-pull to VDDPG)
H5
AGND
A
Analog ground. Tie this pin directly to the ground plane.
H6
AGND
A
Analog ground. Tie this pin directly to the ground plane.
H7
AGND
A
Analog ground. Tie this pin directly to the ground plane.
H8
AGND
A
Analog ground. Tie this pin directly to the ground plane.
H9
NVDC
I
D
NVDC select. This pin has two levels: low = NVDC, high = non-NVDC. Connect the
NVDC pin to ground for NVDC. Connect the NVDC pin to the LDO3V pin for non-
NVDC.
H10
TRIP
O
D
VCOMP comparator push-pull output. This pin is active low.
H11
SYS_PWROK
O
D
Delayed version of the ALL_SYS_PWRGD pin. This pin is an open-drain output.
H12
SWVR2
I
VR
VR2 switch-node connection
H13
SWVR2
I
VR
VR2 switch-node connection
J1
SCLK
I
D
I2C clock
J2
ACSWON
O
D
AC adaptor switch-on power path. This pin is an open-drain output and is active low.
J3
EC_RST
O
D
EC reset. This pin is an open-drain output and is active low.
J4
VCOMP
I
AS
VCOMP comparator input
J5
AGND
A
Analog ground. Tie this pin directly to the ground plane.
J6
AGND
A
Analog ground. Tie this pin directly to the ground plane.
J7
AGND
A
Analog ground. Tie this pin directly to the ground plane.
J8
AGND
A
Analog ground. Tie this pin directly to the ground plane.
J9
FBVR1N
I
AS
VR1 negative-feedback remote sense. Connect this pin to the GND of the VR1 pin at
the output-load capacitor.
J10
V105S
I
AS
Power-good comparator G input and discharge path for the V105S rail
J11
RSMRST_PWRGD
O
D
Resume-reset power good. This pin is an open-drain output and is active low.
J12
SLP_S3
I
D
Input for SLP_SUS signal for the power-good tree
J13
VCCIO_ENIN
I
D
Enable for power good comparator D which is V33A_DSW
K1
AGND2
A
Analog ground 2. Tie this pin directly to the ground plane.
K2
PCH_PWRBTN
O
D
Power-button signal to PCH. This pin is an open-drain output and is active low.
K3
EN3V3SW
I
D
Enable for load switch from the LDO3V pin to the VOUT3V3SW output pin


Similar Part No. - TPS650932ZAJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090 TI1-TPS65090 Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
TPS65090A TI-TPS65090A Datasheet
2Mb / 66P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In Series
TPS65090A TI-TPS65090A Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090A TI1-TPS65090A Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
TPS65090ARVNR TI-TPS65090ARVNR Datasheet
2Mb / 66P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In Series
More results

Similar Description - TPS650932ZAJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650830 TI1-TPS650830 Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
logo
Advanced Micro Devices
CS500 AMD-CS500 Datasheet
2Mb / 4P
   Flexible Computing Performance
logo
Renesas Technology Corp
ISL91302BIK RENESAS-ISL91302BIK Datasheet
1Mb / 62P
   Dual/Single Output PMIC with 12-Bit Telemetry ADC for Industrial and Computing Applications
Feb.25.20
logo
Analog Devices
MAX77720 AD-MAX77720 Datasheet
2Mb / 52P
   Wide Output-Voltage Range, Dual- Polarity PMIC
19-101733; Rev 0; 9/23
logo
Ultralife Corporation.
UKT0037 ULTRALIFE-UKT0037 Datasheet
257Kb / 1P
   Wide input voltage for global use
Rev: B
logo
Analog Devices
5B40 AD-5B40_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B41 AD-5B41_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B40 AD-5B40 Datasheet
695Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
logo
STMicroelectronics
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
   Offline converter for wide range input voltage
January 2013 Rev 1
logo
ON Semiconductor
NCP81561 ONSEMI-NCP81561 Datasheet
239Kb / 12P
   Single-Phase Voltage Regulator for Computing Applications
May, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com