Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS99110QPAPRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS99110QPAPRQ1
Description  System-Basis Chip for Automotive Applications
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS99110QPAPRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS99110QPAPRQ1 Datasheet HTML 1Page - Texas Instruments TPS99110QPAPRQ1 Datasheet HTML 2Page - Texas Instruments TPS99110QPAPRQ1 Datasheet HTML 3Page - Texas Instruments TPS99110QPAPRQ1 Datasheet HTML 4Page - Texas Instruments TPS99110QPAPRQ1 Datasheet HTML 5Page - Texas Instruments TPS99110QPAPRQ1 Datasheet HTML 6Page - Texas Instruments TPS99110QPAPRQ1 Datasheet HTML 7Page - Texas Instruments TPS99110QPAPRQ1 Datasheet HTML 8Page - Texas Instruments TPS99110QPAPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
TPS99110-Q1
SLIS155A – OCTOBER 2014 – REVISED MARCH 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
CAN_RXD
46
O
Asynchronous receive data line of the CAN interface
CAN_TXD
44
I
Asynchronous transmission data line of the CAN interface
CLK
36
I
SPI clock
CLSS_IN1
62
I
Input of the current-loop speed-sensor interface 1
CLSS_IN2
63
I
Input of the current-loop speed-sensor interface 2
CLSS_IN3
64
I
Input of the current-loop speed-sensor interface 3
CLSS_OUT1
2
O
Output of the current-loop speed-sensor interface 1
CLSS_OUT2
3
O
Output of the current-loop speed-sensor interface 2
CLSS_OUT3
4
O
Output of the current-loop speed-sensor interface 3
CP
14
O
Pin to the external charge-pump tank capacitor
CP1
16
O
Pin to the external charge-pump fly capacitor
CP2
15
O
DLY_RST
52
I
This pin adjusts the reset delay with an external resistor.
ENA
61
I
Ignition enable input
ENDRV
26
O
Enable output to switch on external drivers
5
13
27
GND
GND
Ground
37
50
60
GND_CAN
42
GND
GND supply input for the CAN driver
INN1
7
I
Comparator 1 negative input
INN2
10
I
Comparator 2 negative input
INP1
8
I
Comparator 1 positive input
INP2
9
I
Comparator 2 positive input
KL
49
I/O
K-line/LIN driver input and output
KL_RXD
47
O
Asynchronous receive-data line of K-line (LIN)
KL_TXD
48
I
Asynchronous transmission-data line of K-line (LIN)
nCS
33
I
SPI chip select
NENDRV
25
O
Enable output to switch on the external drivers
NRESTART
45
I
Restart internal logic. A static-low disables the ENDRV and NENDRV pins.
NRST3
53
O
Reset output for the VDD3 and VDD1 supplies
NRST5
51
O
Reset output for the VDD5 supply
NWDDIS
54
I
Disable watchdog for debug purposes
OUT1
6
O
Comparator 1 digital output
OUT2
11
O
Comparator 2 digital output
PRE1GATE
21
O
External linear power-device control for presupply 1
PRE1SNS
20
I
Voltage feedback input for presupply 1 regulation
PRE2GATE
23
O
External linear power device control for presupply 2
PRE2SNS
22
I
Voltage feedback input for presupply 2 regulation
PWL_WD
30
I
Logic-level enable and watchdog trigger
REF_CL
1
O
Reference resistor for current loop interfaces
SDI
34
I
SPI data in
SDO
35
O
SPI data out
Supply input for sensor and tracker control 1 and 2. Connect this pin externally with PRE1SNS or
SENSOR_IN
55
P
PRE2SNS.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS99110-Q1


Similar Part No. - TPS99110QPAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS99110-Q1 TI1-TPS99110-Q1 Datasheet
863Kb / 63P
[Old version datasheet]   System-Basis Chip for Automotive Applications
More results

Similar Description - TPS99110QPAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS99110-Q1 TI1-TPS99110-Q1 Datasheet
863Kb / 63P
[Old version datasheet]   System-Basis Chip for Automotive Applications
logo
ELMOS Semiconductor AG
E520.34 ELMOS-E520.34 Datasheet
901Kb / 33P
   System basis chip (SBC) for LIN applications
logo
Infineon Technologies A...
TLE9261BQXV33 INFINEON-TLE9261BQXV33 Datasheet
5Mb / 163P
   System Basis Chip
Rev. 1.1 2019-09-27
logo
ON Semiconductor
NCV7429 ONSEMI-NCV7429 Datasheet
612Kb / 43P
   System Basis Chip
March, 2017 ??Rev. 0
logo
Infineon Technologies A...
TLE9261-3BQXV33 INFINEON-TLE9261-3BQXV33 Datasheet
6Mb / 201P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE9262BQX INFINEON-TLE9262BQX Datasheet
5Mb / 174P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE6266G INFINEON-TLE6266G Datasheet
1Mb / 50P
   System Basis Chip
Version 1.06 2002-11-26
TLE9261BQX INFINEON-TLE9261BQX Datasheet
5Mb / 162P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE9263-3BQX INFINEON-TLE9263-3BQX Datasheet
6Mb / 214P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE9262-3BQXV33 INFINEON-TLE9262-3BQXV33 Datasheet
6Mb / 214P
   System Basis Chip
Rev. 1.1 2019-09-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com