Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP18WF104E03RB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NCP18WF104E03RB
Description  NTC Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP18WF104E03RB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NCP18WF104E03RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP18WF104E03RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP18WF104E03RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of NCP18WF104E03RB from the official website of Murata Manufacturing
Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=NCP18WF104E03RB
NCP18WF104E03RB
Specifications
Resistance
(25
)
100kΩ
Resistance Value Tolerance (at
25
)
±3%
B-Constant
(25/50
)
4250K
B-Constant
(25/50
) Tolerance
±2%
B-
Constant(25/80
)(Reference Value) 4303K
B-
Constant(25/85
)(Reference Value) 4311K
B-
Constant(25/100
)(Reference
Value)
4334K
Permissive Operating Current
(25
)
0.1mA
Rated Electric Power
(25
)
100.0mW
Typical Dissipation Constant
(25
)
1mW/
Operating Temperature Range
-
40
to
125
Size Code (in mm)
1.6x0.8mm
Size Code (in inch)
0.6x0.3inch
Shape
SMD
Mass
0.0047g
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/08/29


Similar Part No. - NCP18WF104E03RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18WF104E03RB MURATA-NCP18WF104E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
logo
Murata Manufacturing Co...
NCP18WF104E03RB MURATA1-NCP18WF104E03RB Datasheet
596Kb / 3P
   NTC for Temperature Sensor
10/17/2022
NCP18WF104E03RB MURATA1-NCP18WF104E03RB Datasheet
638Kb / 3P
   NTC for Temperature Sensor
01/10/2024
NCP18WF104E03RB MURATA1-NCP18WF104E03RB_V01 Datasheet
596Kb / 3P
   NTC for Temperature Sensor
10/17/2022
NCP18WF104E03RB MURATA1-NCP18WF104E03RB_V02 Datasheet
638Kb / 3P
   NTC for Temperature Sensor
01/10/2024
More results

Similar Description - NCP18WF104E03RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com