Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA92T Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMBTA92T
Description  Silicon PNP transistor in a SOT-89 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMBTA92T Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMBTA92T Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBTA92T Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBTA92T Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBTA92T Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBTA92T Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBTA92T Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBTA92T
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-300
V
Collector to Emitter Voltage
VCEO
-300
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-500
mA
Collector Power Dissipation
PC
500
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=-100μA
IE=0
-300
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=-1.0mA
IB=0
-300
V
Emitter to Base Breakdown Voltage
VEBO
IE=-100μA
IC=0
-5.0
V
Collector Cut-Off Current
ICBO
VCB=-200V
IE=0
-0.25
μA
Emitter Base Cut-Off Current
IEBO
VBE=-3.0V
IC=0
-0.1
μA
DC Current Gain
hFE(1)
VCE=-10V
IC=-10mA
40
hFE(2)
VCE=-10V
IC=-30mA
25
hFE(3)
VCE=-10V
IC=-1.0mA
25
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-20mA
IB=-2.0mA
-0.5
V
Emitter to Base Saturation Voltage
VBE(sat) IC=-20mA
IB=-2.0mA
-0.9
V
Transition Frequency
fT
VCE=-20V
IC=-10mA
f=100MHz
50
MHz
Collector-Base Capacitance
Ccb
VCB=-20V
IE=0
f=1.0MHz
6.0
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - MMBTA92T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA92 PHILIPS-MMBTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
2000 Apr 11
logo
Yea Shin Technology Co....
MMBTA92 YEASHIN-MMBTA92 Datasheet
842Kb / 4P
   High Voltage Transistor
logo
Diotec Semiconductor
MMBTA92 DIOTEC-MMBTA92 Datasheet
108Kb / 2P
   Surface mount High Voltage Transistors
logo
DONGGUAN YOU FENG WEI E...
MMBTA92 YFWDIODE-MMBTA92 Datasheet
593Kb / 3P
   PNP Transistors
logo
Micro Commercial Compon...
MMBTA92 MCC-MMBTA92 Datasheet
239Kb / 3P
   PNP Silicon High Voltage Transistor
More results

Similar Description - MMBTA92T

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SA1201 FOSHAN-2SA1201 Datasheet
918Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB798 FOSHAN-2SB798 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB1424 FOSHAN-2SB1424 Datasheet
781Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SA1203 FOSHAN-2SA1203 Datasheet
818Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB1260 FOSHAN-2SB1260 Datasheet
669Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
MMBT5401T FOSHAN-MMBT5401T Datasheet
949Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Rectron Semiconductor
8850T RECTRON-8850T Datasheet
363Kb / 7P
   Silicon PNP transistor in a SOT-89 Plastic Package.
logo
Foshan Blue Rocket Elec...
2SA1213 FOSHAN-2SA1213 Datasheet
949Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
PBSS5350X FOSHAN-PBSS5350X Datasheet
908Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB766A FOSHAN-2SB766A Datasheet
908Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com