Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1611 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1611
Description  Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1611 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1611 Datasheet HTML 1Page - NTE Electronics NTE1611 Datasheet HTML 2Page - NTE Electronics NTE1611 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1611
Integrated Circuit
Video and FM Sound Modulator/Carrier
Oscillator for VCR
Features:
D Video Clamp
D White Clip
D Main Carrier Oscillator
D Main Carrier Attenuator
D Video Modulator
D Sound Modulator
D Sound FM Modulator
D Channel Switch
D Low Power Operation
D Adjustable Output Power Level and V/A Ratio
with External Resistance
D Minimum Number of External Parts Required
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +70°C), PD
480mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Signal Level, eIN
2.5VP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Level at Pin7, VIN
GND to VCC+0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–10
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 6.2V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
5.7
6.2
6.7
V
Supply Current
ICC
S1 = 2, S2 = 1, S3 = 2
16.5
21.5
28.0
mA
Video RF Output Level
υo (fp1) S2 = 1, S3 = 2, υi1 = open, S1 = 2
85
87
89
dB
µ
υo (fp2) υo1
= measure
S1 = 1
85
87
89
dB
µ
Video RF Output Level Temperature
Drift
∆υo (fp1) υo (fp1) (TA = –10° to +70°C) –
υo (fp1) (TA = +25°C)
±2
±3
dB
∆υo (fp2) υo (fp2) (TA = –10° to +70°C) –
υo (fp2) (TA = +25°C)
±2
±3
dB
Video Modulation Factor
mp1
S2 = 1, S3 = 2, υi1 = 1VP–P S1 = 2
73
76
79
%
mp2
S1 = 1
73
76
79
%
Video Modulation Factor Temperature
Drift
∆mp1
mp1 (TA = –10° to +70°C) –
mp1 (TA = +25°C)
±3
%
∆mp2
mp2 (TA = –10° to +70°C) –
mp2 (TA = +25°C)
±3
%


Similar Part No. - NTE1611

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE161 NTE-NTE161 Datasheet
24Kb / 2P
   Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
NTE1610 NTE-NTE1610 Datasheet
19Kb / 2P
   Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1612 NTE-NTE1612 Datasheet
18Kb / 2P
   Integrated Circuit AF PO, 0.7W for Battery Use
NTE1615 NTE-NTE1615 Datasheet
18Kb / 2P
   Integrated Circuit B/W TV Tuner Bandswitch Circuit
NTE1616 NTE-NTE1616 Datasheet
20Kb / 2P
   Integrated Circuit TV Sound IF Amp/Detector, Driver
More results

Similar Description - NTE1611

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1264 NTE-NTE1264 Datasheet
21Kb / 2P
   Integrated Circuit Video AGC Circuit for VCR
logo
NXP Semiconductors
TDA8722 PHILIPS-TDA8722 Datasheet
196Kb / 28P
   I2C-bus programmable modulator for negative video modulation and FM sound
1998 Jun 23
logo
NTE Electronics
NTE1808 NTE-NTE1808 Datasheet
26Kb / 3P
   Integrated Circuit Playback Video Processor for VCR
logo
Siemens Semiconductor G...
TDA5666-5 SIEMENS-TDA5666-5 Datasheet
1,020Kb / 22P
   Video Modulator for FM-Audio
logo
NTE Electronics
NTE723 NTE-NTE723 Datasheet
22Kb / 2P
   Integrated Circuit FM Sound System
NTE1712 NTE-NTE1712 Datasheet
21Kb / 2P
   Integrated Circuit Record Video Signal Processor for VCR
NTE1422 NTE-NTE1422 Datasheet
87Kb / 3P
   Integrated Circuit Playback Video Signal Processor for VCR
NTE846 NTE-NTE846 Datasheet
22Kb / 3P
   Integrated Circuit TV Video Modulator
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
logo
Toshiba Semiconductor
TA8637BP TOSHIBA-TA8637BP Datasheet
308Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(VHF MODULATOR FOR VCR OR VDP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com