Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400USG220MEFCSN30X25 Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # 400USG220MEFCSN30X25
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400USG220MEFCSN30X25 Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  400USG220MEFCSN30X25 Datasheet HTML 1Page - RUBYCON CORPORATION 400USG220MEFCSN30X25 Datasheet HTML 2Page - RUBYCON CORPORATION 400USG220MEFCSN30X25 Datasheet HTML 3Page - RUBYCON CORPORATION 400USG220MEFCSN30X25 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
USG
68
82
100
120
150
180
220
270
330
390
470
560
680
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 85℃)
Vdc
Cap
(μF)
◆STANDARD SIZE
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
250
400
Vdc
Cap
(μF)
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
420
450
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
20×25
20×30
20×30
20×35
20×40
20×25
20×30
20×30
20×35
20×40
20×25
20×30
20×30
20×35
20×40
20×25
20×25
20×30
20×35
20×40
22×25
22×25
22×30
22×35
22×40
22×45
22×25
22×25
22×30
22×35
22×40
22×50
22×25
22×25
22×30
22×35
22×40
22×45
22×50
22×25
22×30
22×35
22×40
22×45
22×50
25×25
25×25
25×30
25×35
25×40
25×45
25×25
25×30
25×35
25×35
25×45
25×50
25×25
25×25
25×30
25×35
25×40
25×45
25×50
25×25
25×25
25×30
25×35
25×40
25×45
30×25
30×30
30×30
30×35
30×40
30×50
30×25
30×30
30×35
30×35
30×40
30×50
35×30
35×30
35×35
35×40
35×45
30×25
30×25
30×30
30×35
30×40
30×45
30×25
30×25
30×30
30×35
30×40
30×45
35×25
35×30
35×35
35×40
35×40
35×50
1.23
1.31
1.75
1.91
2.11
0.83
0.97
1.08
1.30
1.48
0.80
0.94
1.08
1.21
1.45
0.66
0.83
0.93
1.04
1.29
1.31
1.75
1.91
2.11
2.25
2.50
0.97
1.08
1.30
1.48
1.65
1.94
0.94
1.08
1.21
1.45
1.58
1.67
1.90
0.93
1.04
1.29
1.40
1.66
1.81
1.91
2.11
2.25
2.50
2.77
3.32
1.30
1.48
1.65
1.94
2.17
2.27
1.21
1.45
1.58
1.67
1.90
2.13
2.39
1.04
1.29
1.40
1.66
1.81
2.10
2.25
2.50
2.77
3.32
3.84
4.25
1.65
1.94
2.17
2.27
2.61
2.82
35×25
35×30
35×35
35×40
35×45
2.77
3.32
3.84
4.25
4.55
2.17
2.27
2.61
2.82
3.11
1.58
1.67
1.90
2.13
2.39
2.69
1.40
1.66
1.81
2.10
2.32
2.66
35×25
35×30
35×30
35×35
35×40
35×50
1.90
2.13
2.39
2.69
2.96
3.25
1.81
2.10
2.32
2.66
2.82
3.00


Similar Part No. - 400USG220MEFCSN30X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400USG390M35X30 RUBYCON-400USG390M35X30 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400USG470M25X50 RUBYCON-400USG470M25X50 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400USG470M30X40 RUBYCON-400USG470M30X40 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400USG470M35X30 RUBYCON-400USG470M35X30 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400USG560M30X45 RUBYCON-400USG560M30X45 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400USG220MEFCSN30X25

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com