Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T496D227K004CC622A Datasheet(PDF) 5 Page - Kemet Corporation

Part # T496D227K004CC622A
Description  Tantalum Surface Mount Capacitors
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496D227K004CC622A Datasheet(HTML) 5 Page - Kemet Corporation

  T496D227K004CC622A Datasheet HTML 1Page - Kemet Corporation T496D227K004CC622A Datasheet HTML 2Page - Kemet Corporation T496D227K004CC622A Datasheet HTML 3Page - Kemet Corporation T496D227K004CC622A Datasheet HTML 4Page - Kemet Corporation T496D227K004CC622A Datasheet HTML 5Page - Kemet Corporation T496D227K004CC622A Datasheet HTML 6Page - Kemet Corporation T496D227K004CC622A Datasheet HTML 7Page - Kemet Corporation T496D227K004CC622A Datasheet HTML 8Page - Kemet Corporation T496D227K004CC622A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
TC111_SPACE • 4/14/2014
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2025_T493_SPACE • 4/14/2014
1
One world. One KEMET
Benefits
• Standard case sizes A-X per EIA 535BAAC
• Termination finishes options per MIL–PRF–55365: Gold Plated
B, Hot Solder Dipped C, Solder Plated H, Solder Fused K
• Weibull Grading C (0.01%/1,000 hours)
• Surge current testing available per MIL–PRF–55365: 10 cycles
@ 25˚C, 10 cycles @ -55˚C and +85˚C
• Standard and low ESR options available
• Operating temperature range of -55˚C to +125˚C
• Capacitance values of 0.1 μF to 330 μF
• Voltage rating of 4 – 50 VDC
Overview
KEMET's Space Grade Series of capacitors are suitable
for use by defense/aerospace customers in high reliability
space applications. This series meets the requirements of
MIL–PRF–55365 as well as MIL–STD–1580. These capacitors
incorporate an intensive testing and screening protocol which is
customizable depending upon customer's specific needs. The
full part number allows for designation of Weibull grading level
(B=0.1%/k hours or C=0.01%/k hours), surge current level (10
cycles -55°C and +85°C before and/or after Weibull grading),
performance testing level (see chart for details on available
options), ESR (low and standard), and termination finish (see
description in each series). Fused versions are available for
built-in circuit protection, as well as multi-anode designs for very
low ESR values.
High Reliability COTS (CWR11 Style)
T493 Series COTS Space Grade
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder.
Applications
Typical applications include decoupling and filtering in defense and aerospace applications.


Similar Part No. - T496D227K004CC622A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496D227K004AHE500 KEMET-T496D227K004AHE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496D227K004AHE5007280 KEMET-T496D227K004AHE5007280 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496D227K004ATE500 KEMET-T496D227K004ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496D227K004ATE5007280 KEMET-T496D227K004ATE5007280 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results

Similar Description - T496D227K004CC622A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com