Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805C471K5RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C471K5RACTU
Description  Ceramic, Commercial-(CxxxxC), 470 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C471K5RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C471K5RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 59513184-8d23-44db-975b-58c86ece69cb
KEMET Part Number: C0805C471K5RACTU
(C0805C471K5RAC7800)
Ceramic, Commercial-(CxxxxC), 470 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.78mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0805
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 470 pF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C471K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C471K5RACAUTO KEMET-C0805C471K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R, Ceramic, 470 pF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
More results

Similar Description - C0805C471K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C471K2RACTU KEMET-C0805C471K2RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 470 pF, 10%, 200 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C471K1RACTU KEMET-C0805C471K1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 470 pF, 10%, 100 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C471K5RACTU KEMET-C0402C471K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 470 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C471K5RACTU KEMET-C0603C471K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 470 pF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C332K5RACTU KEMET-C0805C332K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3300 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C562K5RACTU KEMET-C0805C562K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 5600 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C101K5RACTU KEMET-C0805C101K5RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C682K5RACTU KEMET-C0805C682K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 6800 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C331K5RACTU KEMET-C0805C331K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 330 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C222K5RACTU KEMET-C0805C222K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2200 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com