Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3807 Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC3807
Description  Silicon NPN transistor in a TO-126F Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC3807 Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC3807 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3807 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3807 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3807 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3807 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3807 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC3807
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
3
/ 6
电参数曲线图 / Electrical Characteristic Curve


Similar Part No. - 2SC3807

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3807 SANYO-2SC3807 Datasheet
84Kb / 3P
   High-hFE, Low-Frequency General-Purpose Amp Applications?????????
logo
SHENZHEN YONGERJIA INDU...
2SC3807 WINNERJOIN-2SC3807 Datasheet
177Kb / 2P
   TRANSISTOR (NPN)
logo
Sanyo Semicon Device
2SC3807C SANYO-2SC3807C Datasheet
50Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
2SC3807MP SANYO-2SC3807MP Datasheet
49Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
More results

Similar Description - 2SC3807

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC3422 FOSHAN-2SC3422 Datasheet
423Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
2SC3788 FOSHAN-2SC3788 Datasheet
983Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
2SD886 FOSHAN-2SD886 Datasheet
526Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
KSC2690 FOSHAN-KSC2690 Datasheet
919Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
KSC2690A FOSHAN-KSC2690A Datasheet
919Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
KTC4217 FOSHAN-KTC4217 Datasheet
963Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
2N6718 FOSHAN-2N6718 Datasheet
1,017Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package
KSE180 FOSHAN-KSE180 Datasheet
917Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
BD233 FOSHAN-BD233 Datasheet
902Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
KSE340 FOSHAN-KSE340 Datasheet
882Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
2SC2258 FOSHAN-2SC2258 Datasheet
784Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com